Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 75 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 109 page
background image
DS12539 Rev 10
75/109
L9396
System functional safety implementations
109
Figure 17. WD1 state machine
Depending on the value of the WD_CNT counter the device will stop the drivers, will send
the WD1_RESET or will enable the drivers.
The WD_CNT will be incremented by a number of steps as defined through the SPI
configurable parameter WD_cnt_good_step each time a correct answer is given in the right
time interval or a Query arrives in the right time interval. In all the other cases, as defined in
the WD state machine, the WD_CNT will be decremented by a number of steps as defined
through the SPI configurable parameter WD_cnt_bad_step.
If WD_CNT reaches the value of zero two different behaviors are possible depending on the
value of WD_RST_EN. If WD_RST_EN is set to 1 then a WD_RST will be sent by the
device and the flag WD_RST_CNT will be set; else if WD_RST_EN is set to 0 then the
WD_RST will not be sent by the device but the flag WD_RST_CNT will be set.
Two different thresholds are defined (both programmable through SPI): WD_th_low and
WD_th_high.
If WD_CNT value is lower than WD_th_low, but greater than zero, the drivers are disabled
such as any WD_RST. If WD_CNT is greater than WD_TH_LOW and lower than
WD_TH_HIGH the load actuation is managed in hysteresis mode:
If drivers are ON it will be stopped only when WD_CNT becomes lower than WD_TH_LOW,
while if actuation was OFF it will be performed only when WD_CNT becomes equal to
WD_TH_HIGH and only when WD_CNT exceeds this threshold drivers are activated.
WD_RST
Request = No Req
&&
t = T_Req_TimeOut
WD_CNT--
then WD_CNT++
Request = YES
&&
t < T_Valid_Req_Start
REQ 1
WAIT
Request = YES
&&
T_Valid_Req_Start < t < T_Valid_Req_End
WD_CNT--
Request = YES
&&
T_Valid_Req_End < t < T_Req_TimeOut
Request = No Req
&&
t = T_Valid_Req_End
Request = No Req
&&
t = T_Valid_Req_Start
REQ 3
WAIT
REQ 2
WAIT
1 Seed Request
st
ANSWER 1
WAIT
IDLE
WD_CNT--
Answer = YES
&&
T_Valid_Answ_End < t < T_Answ_TimeOut
WD_CNT--
Answer = YES
&&
t < T_Valid_Answ_Start
elseif (Answer==wrong) then WD_CNT--
If (Answer==correct) then WD_CNT++
Answer = YES
&&
T_Valid_Answ_Start < t < T_Valid_Answ_End
Answer = No Answer
&&
t = T_Valid_Answ_Start
WD_RST
Answer = No Answer
&&
t = T_Answ_TimeOut
Answer = No Answer
&&
t = T_Valid_Answ_End
ANSWER 2
WAIT
ANSWER 3
WAIT
GADG2401171444PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com