Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics L9396 Datasheet HTML 86Page - STMicroelectronics L9396 Datasheet HTML 87Page - STMicroelectronics L9396 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 109 page
background image
System functional safety implementations
L9396
84/109
DS12539 Rev 10
Figure 23. WD2 diagram
7.4.3
Watchdog Timer Disable Input (WDTDIS)
When controlled to a voltage higher than VIH_WDTDIS, this pin is used to disable the WD2
timer. It implements a passive pulldown to ensure the voltage level would not interrupt the
WD control in case of open connection. The state of this pin can be read by SPI because it
is acquired by an internal A2D converter. When WDTDIS pin is asserted, the watchdog
timer is disabled, the timer is reset to its starting value and no faults are generated. When
the watchdog timer is disabled, WD_2_RESET_FLAG bit is set to '0'.
-40°C ≤ Tj ≤ 175°C; 3 V ≤ VCC ≤ 5.5 V, unless otherwise specified.
Table 54. WD2 characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
FWDvalid WD2 Frequency valid range
ADV_CONFIG[14,13] = '00'
91
-
750
Hz
ADV_CONFIG[14,13] = '01'
-
1500
ADV_CONFIG[14,13] = '10'
46
-
750
ADV_CONFIG[14,13] = '11'
-
1500
Toff
WD2 timeout reset time
ADV_CONFIG[14] = '0'
11
-
16.5
ms
ADV_CONFIG[14] = '1'
22
-
33
TRH
RESET re-engagement time
between two consecutive
assertion events
200
-
-
ms
TWAIT
WD2 quiescent time at
power-up
200
-
-
ms
RESET
Note: In case that PRN frequency is higher than 1 kHz WDT counter is not cleared.
PRN
RESET
RESET
tOFF
Toff
TRL
Toff
Toff
Pulse
Width
Counter
WDT
Counter
1ms (=1kHz)
GADG2501171008PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com