Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 66 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 109 page
background image
System functional safety implementations
L9396
66/109
DS12539 Rev 10
Proper scaling is necessary for various voltage measurements. The divider ratios vary by
measurement and are summarized by function in the table below.
Table 46. Conversion time
ADC CONFIG NSUM
N
Con. time (all channels)
“000”
1 sample
445 µs
“001”
2 samples
539 µs
“010”
4 samples
728 µs
“011”
8 samples
1106 µs
“100” to “111”
16 samples
1862 µs
Table 47. Divider ratios vary by measurement are summarized by function
Measurements
Divider ratio
22:1
15:1
10:1
7:1
4:1
2:1
1:1
CP
√
-
-
-
-
-
-
VBST
-
√
-
-
-
-
-
GPOD0
-
-
√
-
-
-
-
VB
-
-
√
-
-
-
-
VB_SW
-
-
√
-
-
-
-
VBM
-
-
√
-
-
-
-
VDBATT
-
-
√
-
-
-
-
VDS
-
-
√
-
-
-
-
PDS
-
-
√
-
-
-
-
IGN
-
-
√
-
-
-
-
WDTDIS
-
-
-
√
-
-
-
RSUH/L
-
-
-
-
√
-
-
VPREREG
-
-
-
-
√
-
-
VCC5
-
-
-
-
√
-
-
VCC
-
-
-
-
√
-
-
VCORE
-
-
-
-
√
-
-
SCORE
-
-
-
-
√
-
-
VDD
-
-
-
-
√
-
-
VINTA
-
-
-
-
√
-
-
AI[0..4]
-
-
-
-
-
√
-
Bandgap reference
(BGR/BGM)
-
-
-
-
-
-
√
Temperature sensor
-
-
-
-
-
-
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com