Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 51Page - STMicroelectronics L9396 Datasheet HTML 52Page - STMicroelectronics L9396 Datasheet HTML 53Page - STMicroelectronics L9396 Datasheet HTML 54Page - STMicroelectronics L9396 Datasheet HTML 55Page - STMicroelectronics L9396 Datasheet HTML 56Page - STMicroelectronics L9396 Datasheet HTML 57Page - STMicroelectronics L9396 Datasheet HTML 58Page - STMicroelectronics L9396 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
DS12539 Rev 10
55/109
L9396
Remote sensor interface
109
Bit 14
On/Off: Channel on/off status,
cleared by Reset Event or when the
channel is commanded OFF via
SPI WSICTRL or when the STG bit
is set or WSITEMP bit is set
0 => Off
1 => On
0
SSM_RESET
LBIST
Bit 13:12
LCID[1:0]: Logical Channel ID
00 => ch1
01 => ch2
10 => ch3
11 => ch4
-
SSM_RESET
LBIST
Bit 11:10
NOT USED
0
-
Bit 9
STG: Short to ground of RSUHx
(over current condition of RSUHx)
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 8
STB: Short to battery of RSUHx
(VRSUHx > VPREREG + VRSUHxSTB)
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 7
CURRENT HI: Set when channel
current measured in RSULx
exceeds ITHVBATP for a time
determined by an up/down counter
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 6
OPENDET: Open Sensor detected.
Set when channel current in
RSULx is below ITHOPEN for a time
determined by an up/down counter
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 5
WSITEMP: Overtemperature
detected
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Bit 4
INVALID: Invalid data, set when
parity error is detected (when this
check is feasible), valid only for
VDA sensor.
0 => no fault
1 => fault
0
SSM_RESET
LBIST
Table 32. RS_DATA_RSDR_0-3 registers bit description [Bit 15 = 1] (continued)
Data Field
Description
Reset Value
Reset Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com