Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 59Page - STMicroelectronics L9396 Datasheet HTML 60Page - STMicroelectronics L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 109 page
background image
DS12539 Rev 10
63/109
L9396
General purpose output (GPO) driver
109
ILKG_GPODx_DEV_OFF
GPO Leakage in
Power-Off
VGPOD0 = 19V; VBST=0V
-10
-
10
µA
dV/dtled_BLow
Output Voltage
Slew Rate
30% - 70%; RLoad = 273Ω,
CGPO = 100nF;
4.5 ≤ VBATP ≤ 14 V
0.1
0.25
0.55
V/µs
dV/dtled_BHigh
Output Voltage
Slew Rate
30% - 70%; RLoad = 273Ω,
CGPO = 100nF;
4.5 ≤ VBATP ≤ 19 V
0.01
-
0.55
V/µs
tilim
Current Limit Filter
Time
-
8
-
15
µs
topen_load
Open load filter time
-
-
-
12.5
µs
tmask
Diagnostic mask
delay after switch
ON
CGPO = 100 nF typ;
RLoad = 273 Ω;
VBATP = 14 V
30
50
70
µs
tJSDF
Thermal Shutdown
Filter Time
-
-
-
12.5
µs
fPWM
PWM frequency
Programmable by SPI
64
-
521
Hz
Table 44. GPO electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com