Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 109 page
background image
DS12539 Rev 10
71/109
L9396
System functional safety implementations
109
After that FAULT stays enabled until power down by wake-up is triggered or undervoltage of
VPREREG is generated.
Here the table of masking bits and fault sources
40°C ≤ Tj ≤ 175°C; 3 V ≤ VCC ≤ 5.5 V, unless otherwise specified.
7.4
Watchdog control
This device offers a 2-level watchdog control approach. The first control level is given by
means of a query & answer watchdog (WD1). The second control level controls the PRN
input pin to assert the proper frequency is delivered by the microcontroller (WD2).
Table 51. Masking bits and fault sources
-
FAILSAFE / FAULT
OUTPUT
WD1 and WD2
FAULT MASK
FAILSAFE / FAULT
OUTPUT
THERMAL WARNING
MASK
FAILSAFE / FAULT
OUTPUT
µC VOLTAGE FAULT
MASK
FAILSAFE / FAULT
OUTPUT
BOOST FAULT
MASK
WD Q/A ERR
MASKED
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
WD PRUN ERR MASKED
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
BOOST OT
INTERRUPT /
WARNING LAMP
MASKED
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
BUCK OT
INTERRUPT /
WARNING LAMP
MASKED
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
CP OT
INTERRUPT /
WARNING LAMP
MASKED
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
VCORE UV/OV
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
MASKED
INTERRUPT /
WARNING LAMP
VCC5 UV/OV
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
MASKED
INTERRUPT /
WARNING LAMP
BOOST UV
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
INTERRUPT /
WARNING LAMP
MASKED
IGN EDGE
INTERRUPT
INTERRUPT
INTERRUPT
INTERRUPT
Table 52. Fault characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOL
Fault logic output low voltage
Isource = 1 mA
-
-
0.4
V
VOH
Fault logic output high voltage
Isink = 1 mA
VCC-0.4
-
-
V
tFAULT_ACT Fault actuation time
-
35
48
60
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com