Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 61Page - STMicroelectronics L9396 Datasheet HTML 62Page - STMicroelectronics L9396 Datasheet HTML 63Page - STMicroelectronics L9396 Datasheet HTML 64Page - STMicroelectronics L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 109 page
background image
DS12539 Rev 10
65/109
L9396
System functional safety implementations
109
Figure 10. ADC conversion time
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tj ≤ +175 °C; 6 ≤ VBST ≤ 19 V
7.2.2
Voltage measurement
The device includes a 10-bit ADC converter with high voltage multiplexer stage to report any
of the relevant internal voltage levels through SPI.
It further includes 3 discrete analog input pins AI2, AI3, AI4, 0.2V to 5V range, for external
generic measurements.
All the channels are acquired cyclically after the SSM reset is released and the values are
available on the ADC CONV REG x registers. A digital programmable filter is implemented
in order to reduce the noise.
Setting the ADC CONFIG NSUM [2:0] bits in ADC_CFG register the filter will return the
average values calculated on N samples acquired for each channel to be converted. The
conversion time of the cycle depends on N following this table:
Pre-
ADC
T_SC
IQ
REGISTER
UPDATED
IQ
IQ
IQ
IQ = Intra-Queue Settling Time = 0.5625 µs
T_ SC = Single Sample Conversion Time= 2.0625 µs
S = # of Samples (default = 4 for voltage only measurements)
Pre-AD C = Initial ADC Settling Time = 2.81 µs
T_SC
T_SC
T_SC
Nsum
GADG2301171629PS
Table 45. Analog to digital converter
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
VADC_RANGE ADC input voltage range
-
0.1
-
2.5
V
VADC_REF_H ADC Reference voltage
-
-3%
2.5
+3%
V
ADC_RES
ADC resolution(1)
Design Info
-
10
-
bit
-
Differential non linearity
error (DNL)
-
-2
-
+2
LSB
-
Integral non linearity error
(INL)
-
-3.5
-
+3.5
LSB
-
Total error
Not including reference
voltage error
-5
-
+5
LSB
-
Internal BG reference
readout
-
480
492
504
LSB
-
Internal BG monitor
readout
-
480
492
504
LSB
1. LSB = (2.5 V / 1024) = 2.44 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com