Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 65Page - STMicroelectronics L9396 Datasheet HTML 66Page - STMicroelectronics L9396 Datasheet HTML 67Page - STMicroelectronics L9396 Datasheet HTML 68Page - STMicroelectronics L9396 Datasheet HTML 69Page - STMicroelectronics L9396 Datasheet HTML 70Page - STMicroelectronics L9396 Datasheet HTML 71Page - STMicroelectronics L9396 Datasheet HTML 72Page - STMicroelectronics L9396 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
DS12539 Rev 10
69/109
L9396
System functional safety implementations
109
Figure 12. Reset output logic diagram
-40°C ≤ Tj ≤ 175 °C; 3 V ≤ VCC ≤ 5.5 V, 5.6 ≤ VBST ≤ 19 V unless otherwise specified.
7.2.4
Oscillator
The IC implements a clock frequency validation circuit. CLK ERR flag is the error signal
reporting a problem with the integrated oscillator source. If the frequency of the integrated
oscillator moves away from the desired one, the error flag is set. The check is performed by
comparing the main oscillator with a secondary one; in case the frequency of the main
oscillator shifts out of the specified range (in case of a stuck oscillator the CLOCK TIMEOUT
ERROR is activated), the secondary oscillator source will recognize it, asserting the CLK
ERROR flag.
The Clock monitor check is performed also comparing the second oscillator to the first one.
The CLK ERROR flag is asserted also in case the frequency of the second oscillator shifts
out of the specified range. To reduce the emissions of the main logic core and of the
switching circuits in general, spread spectrum is operating on the main oscillator: the central
16 MHz frequency is varied by a triangular modulation at 125 kHz. Spread spectrum is
always active and can be disabled setting the SPREAD SPECTRUM DISABLE MODE bit in
the POWER_ON register.
GADG2401171135PS
CLKFRERR
VBG_READY
GNDA_ERR
VREG_ERR
WD2 RESET state
WD1 RESET state
VCORE_ERR
VCCx_ERR
RESET (pin)
WSM_Reset
SSM_Reset
POR
stretch
0.5ms
Table 49. Reset electrical characteristics
Symbol
Parameter
Conditions/Comments
Min.
Typ.
Max.
Unit
VOL
RESET Logic Output
Low Voltage
5 kΩ tied to VCC
-
-
0.4
V
VOH
RESET Logic Output
High Voltage
5 kΩ tied to VCC
VCC-
0.05
-
-
V
tr
Rise time
Load = 50 pF; 20%-80%
-
-
1
µs
tf
Fall time
Load = 50 pF; 20%-80%
-
-
1
µs
Ileak_RESET RESET leakage current
RESET output off
0<RESET<VCC
-2
-
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com