Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 82 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics L9396 Datasheet HTML 83Page - STMicroelectronics L9396 Datasheet HTML 84Page - STMicroelectronics L9396 Datasheet HTML 85Page - STMicroelectronics L9396 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 109 page
background image
System functional safety implementations
L9396
82/109
DS12539 Rev 10
WD Status register
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
W
Addr
Reserved
-
-
WD_Cnt_Value
CRC
SPI parameter
Size
(bits)
default
Description
WD_Cnt_Value
4
7
Current value of the WD counter
WD_Early_Answ
1
0
Flag set if the last answer has been sent too early related to
the programmed timing parameters.
0: Ok
1: Answer sent before T_Valid_Answ_Start time
WD_Late_Answ
1
0
Flag set if the last answer has been sent too late related to the
programmed timing parameters.
0: Ok
1: Answer sent after T_Valid_Answ_End time
WD_Bad_Answ
1
0
Flag set if the last answer has been sent inside the right timing
window (between T_Valid_Answ_Start and T_Valid_Answ_End
time) but it isn’t the expected answer.
0: Ok
1: Wrong answer
WD_Early_Req
1
0
Flag set if the last request has been sent too early related to
the programmed timing parameters.
0: Ok
1: Request sent before T_Valid_Req_Start time
WD_Late_Req
1
0
Flag set if the last request has been sent too late related to the
programmed timing parameters.
0: Ok
1: Request sent after T_Valid_Req_End time
WD_RST_ TO_Answ
1
0
Flag set if the WD1_RESET signal has been sent because
Answer time out elapsed.
0: Ok
1: WD1_RESET because T_Answ_Timeout elapsed
WD_RST_ TO_Req
1
0
Flag set if the WD1_RESET signal has been sent because
Request time out elapsed.
0: Ok
1: WD1_RESET because T_Req_Timeout elapsed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com