Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 17Page - STMicroelectronics L9396 Datasheet HTML 18Page - STMicroelectronics L9396 Datasheet HTML 19Page - STMicroelectronics L9396 Datasheet HTML 20Page - STMicroelectronics L9396 Datasheet HTML 21Page - STMicroelectronics L9396 Datasheet HTML 22Page - STMicroelectronics L9396 Datasheet HTML 23Page - STMicroelectronics L9396 Datasheet HTML 24Page - STMicroelectronics L9396 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 109 page
background image
DS12539 Rev 10
21/109
L9396
Power supply
109
3.3
Internal supply
The internal analog and digital part is supplied by the supply voltage VBST through
integrated voltage regulators. The generated voltage is monitored. In case of under/over-
voltage, the device performs a power on reset (POR).
An undervoltage condition on VBST will lead to an internal reset of the IC. Above this
undervoltage threshold, full functionality is granted.
The device integrates two separated instances of Bandgap voltage regulators; one of these
bandgaps is used as voltage reference for the internal regulators, while the other one is
used for monitoring the voltage levels.
GNDD ground line is protected against ground loss scenarios. In case GNDD line would be
at least GNDDOPEN above the reference ground line GNDA, a POR is asserted.
GNDD is used for digital logic and charge pump while GNDA is used for analog blocks.
GNDBST is used for boost regulator only.
VBSTSW
BSTSW Voltage
Clamp
Active when not in
load dump
(VBLOADDUMP)
30
-
36
V
BST_DISABLETH
Voltage difference
between VB and
VBST to deactivate
the Boost regulator
VB – VBST
1.6
-
2.6
V
CLAMP_ENTH
Voltage difference
between BSTSW
and VBST to activate
the Boost CLAMP
BSTSW – VBST
1.5
-
4.5
V
fBSTSW
Operating Frequency -
-
fOSCINT/8.5(1.88)
-
MHz
tBSTSW
BSTSW Transition
Time
VB = 4.5 V,
IO_BST = 300 mA
8
-
50
ns
TJSDBST
Thermal Shutdown
-
175
-
200
°C
THYS_TSDBST
Thermal Shutdown
hysteresis
-
5
-
15
°C
IBSTSW_LO_OFF
BSTSW current
consumption when
BOOST is OFF
BSTSW - VBST<1.5V
3
-
20
µA
IBSTSW_HI_OFF
BSTSW current
consumption when
BOOST is OFF
BSTSW – VBST>4.5V
30
-
70
µA
VTH_BST_KEEP_OFF
Voltage threshold to
deactivate the Boost
regulator when not
used
-
0.5
-
1
V
Table 6. Boost regulator electrical characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com