Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9396 Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9396
Description  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 101Page - STMicroelectronics L9396 Datasheet HTML 102Page - STMicroelectronics L9396 Datasheet HTML 103Page - STMicroelectronics L9396 Datasheet HTML 104Page - STMicroelectronics L9396 Datasheet HTML 105Page - STMicroelectronics L9396 Datasheet HTML 106Page - STMicroelectronics L9396 Datasheet HTML 107Page - STMicroelectronics L9396 Datasheet HTML 108Page - STMicroelectronics L9396 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
DS12539 Rev 10
105/109
L9396
Package information
109
Table 63. TQFP64 (10x10x1 mm exp. pad down) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
Ө
0°
3.5°
6°
0°
3.5°
6°
Ө1
0°
-
-
0°
-
-
Ө2
11°
12°
13°
11°
12°
13°
Ө3
11°
12°
13°
11°
12°
13°
A
-
-
1.20
-
-
0.0472
A1
0.05
-
0.15
0.002
-
0.0059
A2
0.95
1.0
1.05
0.0374
0.0394
0.0413
b
0.17
0.22
0.27
0.0067
0.0079
0.0091
b1
0.17
0.20
0.23
0.0067
0.0079
0.0091
c
0.09
-
0.20
0.0354
-
0.0079
c1
0.09
-
0.16
0.0354
-
0.0063
D
-
12.00 BSC
-
-
0.4724 BSC
-
D1(2)
-
10.00 BSC
-
-
0.3937 BSC
-
D2
VARIATION
e
-
0.50 BSC
-
-
0.0197 BSC
-
E
-
12.00 BSC
-
-
0.4724 BSC
-
E1 (2)
-
10.00 BSC
-
-
0.3937 BSC
-
E2
VARIATION
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
-
1.00 REF
-
-
0.0394 REF
-
N
-
64.00
-
-
2.5197
-
R1
0.08
-
-
0.0031
-
-
R2
0.08
-
0.20
0.0031
-
0.0079
S
0.20
-
-
0.0079
-
-
TOLERANCE OF FORM AND POSITION
aaa
-
0.20
-
-
0.0079
-
bbb
-
0.20
-
-
0.0079
-
ccc
-
0.08
-
-
0.0031
-
ddd
-
0.07
-
-
0.0028
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com