Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 146 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 146 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 142Page - STMicroelectronics M7020R Datasheet HTML 143Page - STMicroelectronics M7020R Datasheet HTML 144Page - STMicroelectronics M7020R Datasheet HTML 145Page - STMicroelectronics M7020R Datasheet HTML 146Page - STMicroelectronics M7020R Datasheet HTML 147Page - STMicroelectronics M7020R Datasheet HTML 148Page - STMicroelectronics M7020R Datasheet HTML 149Page - STMicroelectronics M7020R Datasheet HTML 150Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 146 / 150 page
background image
M7020R
146/150
JTAG (1149.1) TESTING
The M7020R supports the Test Access Port and
Boundary Scan Architecture as specified in the
IEEE JTAG standard 1149.1. The pin interface to
the chip consists of five signals with the standard
definitions: TCK, TMS, TDI, TDO, and TRST_L.
Table 51 describes the operations that the test ac-
cess port controller supports and Table 52 de-
scribes the TAP Device ID Register.
Note: To disable JTAG functionality, connect the
TCK, TMS, and TDI pins to Ground, and TRST_L
to VDD.
Table 51. Supported Operations
Table 52. TAP Device ID Register
Instruction
Type
Description
SAMPLE/PRELOAD
Mandatory
Sample/Preload. Loads the values of signals going to and from IO
pins into the boundary scan shift register to provide a snapshot of
the normal functional operation.
EXTEST
Mandatory
External Test. Uses boundary scan values shifted in from TAP to
test connectivity external to the device.
INTEST
Optional
Internal Test. Allows slow-speed, functional testing of the device
using the boundary scan register to provide the I/O values.
Field
Range
Initial Value
Description
Revision
[31:28]
0001
Revision Number. This is the current device revision number.
Numbers start from one and increment by one for each revision of
the device.
Part #
[27:12]
0000 0000 0000 0001
This is the part number for this device.
MFID
[11:1]
000_1101_1100
Manufacturer ID. This field is the same as the manufacturer ID
used in the TAP controller.
LSB
[0]
1
Least Significant Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com