Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 148 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 148 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 142Page - STMicroelectronics M7020R Datasheet HTML 143Page - STMicroelectronics M7020R Datasheet HTML 144Page - STMicroelectronics M7020R Datasheet HTML 145Page - STMicroelectronics M7020R Datasheet HTML 146Page - STMicroelectronics M7020R Datasheet HTML 147Page - STMicroelectronics M7020R Datasheet HTML 148Page - STMicroelectronics M7020R Datasheet HTML 149Page - STMicroelectronics M7020R Datasheet HTML 150Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 148 / 150 page
background image
M7020R
148/150
PACKAGE MECHANICAL INFORMATION
Figure 107. PBGA-Z00 – 272-ball Plastic Ball Grid Array Package Outline
Note: Drawing is not to scale.
Table 54. PBGA-Z00 – 272-ball Plastic Ball Grid Array Package Mechanical Data
Note: 1. Maximum mounted height is 2.45mm based on a 0.65mm ball pad diameter. Solder paste is 0.15mm thickness and 0.65mm in di-
ameter.
2. The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink, or metallized markings, or other feature
of package body or integral heatslug.
3. A distinguished feature is allowable on the bottom surface of the package to identify the terminal A1 corner.
4. Exact shape of each corner is optional.
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A(4)
27.00
26.80
27.20(1)
1.102
1.094
1.110(1)
A1(2,3)
0.60
0.50
0.70
0.024
0.020
0.029
A2
1.63
1.90
0.067
0.078
B(4)
27.00
26.80
27.20
1.102
1.094
1.110
b
0.75
0.60
0.90
0.031
0.024
0.037
D
27.00
26.80
27.20
1.102
1.094
1.110
D1
24.13
0.985
D2
24.00
0.980
e
1.27
0.052
E
27.00
26.80
27.20
1.102
1.094
1.110
E1
24.13
0.985
E2
24.00
0.980
n
272
272
ddd
0.20
0.008
eee
0.30
0.012
A2
A1
1.17 REF.
0.56 REF.
E2
PIN #1
D2
ddd C
0.220 (3x)
C
B
A
e
e
E
E1
b
D1
D
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
0.300 C
0.100 C
S
A
B S
PBGA-Z00
4.00*45˚ (4x)
30˚ TYP.
b (272x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com