Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 147 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 147 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 142Page - STMicroelectronics M7020R Datasheet HTML 143Page - STMicroelectronics M7020R Datasheet HTML 144Page - STMicroelectronics M7020R Datasheet HTML 145Page - STMicroelectronics M7020R Datasheet HTML 146Page - STMicroelectronics M7020R Datasheet HTML 147Page - STMicroelectronics M7020R Datasheet HTML 148Page - STMicroelectronics M7020R Datasheet HTML 149Page - STMicroelectronics M7020R Datasheet HTML 150Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 147 / 150 page
background image
147/150
M7020R
PART NUMBERING
Table 53. Ordering Information Scheme
Note: 1. Where “Z” is the symbol for BGA packages and “A” denotes 1.27mm ball pitch
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
M70
20
R
–083
ZA
1
T
Device Type
M70 Search Engine
Density
20 = 2Mb (32K x 68-bit Table Entries)
Operating Supply Voltage
R = VDD = 1.8V
Speed
–083 = 83 Million Searches per Second
–066 = 66 Million Searches per Second
–050 = 50 Million Searches per Second
Package
PBGA = 272-ball count, 27mm x 27mm(1), 1.27mm ball pitch
Temperature Range
1 = 0 to 70°C
Shipping Option
Tape & Reel Packing = T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com