Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 58Page - STMicroelectronics ST52T400 Datasheet HTML 59Page - STMicroelectronics ST52T400 Datasheet HTML 60Page - STMicroelectronics ST52T400 Datasheet HTML 61Page - STMicroelectronics ST52T400 Datasheet HTML 62Page - STMicroelectronics ST52T400 Datasheet HTML 63Page - STMicroelectronics ST52T400 Datasheet HTML 64Page - STMicroelectronics ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 94 page
background image
ST52T400/T440/E440/T441
62/94
Reset Configuration = “00000000”
Table 9.3 Configuration Register 7 Description
Bit
Name
Value
Description
0
TRST
00
TIMER RESET Internal
01
TIMER RESET External
1
10
TIMER RESET External or Internal
11
Not used
2
TSTR
00
TIMER START Internal
01
TIMER START External
3
10
TIMER START External or Internal
11
Not used
4TCLK
0
TIMER Clock Internal
1
TIMER Clock External
5NC
0
Must be kept to “0”
6
NC
-
Not used
7
NC
-
Not used
Figure 9.7 Configuration Register 7
D7 D6 D5 D4 D3 D2 D1 D0
TRST: Timer RESET Mode
TSTR: Timer START Mode
TCLK: Timer Clock Source
Not used
REG_CONF 7
TIMER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com