Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 81Page - STMicroelectronics ST52T400 Datasheet HTML 82Page - STMicroelectronics ST52T400 Datasheet HTML 83Page - STMicroelectronics ST52T400 Datasheet HTML 84Page - STMicroelectronics ST52T400 Datasheet HTML 85Page - STMicroelectronics ST52T400 Datasheet HTML 86Page - STMicroelectronics ST52T400 Datasheet HTML 87Page - STMicroelectronics ST52T400 Datasheet HTML 88Page - STMicroelectronics ST52T400 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
ST52T400/T440/E440/T441
85/94
11.12 Analog Comparator Characteristics
Operating conditions: VDD =5V, fosc = 0,TA =90
°C unless otherwise specified
(*) fosc = 1,5,10, 20 MHz , VDD = 5 V, VPBO = 2 V, Resolution = 8 bit, CS= 22nF, TA =25°C.
11.13 Triac Driver Characteristics
Operating conditions: VDD =5V, fosc = 0,TA =90
°C
Notes:
1. The IIO current sunk must always respects the absolute maximum rating specified in Section 11.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVSS
2. The IIO sourced current must always respect the absolute maximum rating specified in Section 11.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD.
Table 11.16 Analog Comparator Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Res
Resolution
A/D Converter mode
8
bit
VBG
Band Gap voltage
PBx in analogic input
IG=10uA Cs=10nF
fosc = 4 MHz
2.52
V
PBx in analogic input
IG=10uA Cs=10nF
fosc = 10 MHz
2.62
V
PBx in analogic input
IG=10uA Cs=10nF
fosc = 20 MHz
2.67
V
VOFF
Input offset voltage
Input differential voltage
range [-100, +100] mV
1.8
2.4
10
mV
ICS
Capacitor charging current
(measured IG )
IG= 10 µA(*)
8.2
9.7
10.5
µA
IG= 20 µA(*)
16.7
19.4
21.6
µA
IG= 40 µA(*)
33.3
38.0
43.3
µA
Table 11.17 Triac Driver Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output low level voltage when
IIO =50 mA
VDD =5 V, IIO = +50 mA
VSS
+ 0.7
V
VOH
Output high level voltage
when IIO =50mA
VDD =5V, IIO = -50 mA
VDD -
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com