Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 29Page - STMicroelectronics ST52T400 Datasheet HTML 30Page - STMicroelectronics ST52T400 Datasheet HTML 31Page - STMicroelectronics ST52T400 Datasheet HTML 32Page - STMicroelectronics ST52T400 Datasheet HTML 33Page - STMicroelectronics ST52T400 Datasheet HTML 34Page - STMicroelectronics ST52T400 Datasheet HTML 35Page - STMicroelectronics ST52T400 Datasheet HTML 36Page - STMicroelectronics ST52T400 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
ST52T400/T440/E440/T441
33/94
3 EPROM PROGRAMMING
EPROM memory provides an on-chip user-pro-
grammable non-volatile memory, which allows fast
and reliable storage of user data.
EPROM memory can be locked by the user. In
fact, a memory location, called Lock Cell, is
devoted to lock the EPROM and to prevent
memory reading. A software identification code
(max 64 bytes), called ID CODE may also be writ-
ten in order to distinguish which software version
is stored in the memory.
There are 64 kbits of memory space with an 8-bit
internal parallelism (8 kbytes) addressed by a 13-
bit bus. The data bus is of 8 bits.
Memory has a double supply: VPP is equal to
12V
±5% in Programming Phase or to V
SS during
Working Phase. VDD is equal to 5V±10%.
The
ST52x400/440/441
EPROM
memory
is
divided into three main blocks (see Figure 3.1):
Interrupt Vectors memory block (3 through 14)
contains the addresses for the interrupt rou-
tines. Each address is composed of three
bytes.
Mbfs Setting memory block (15 through 1024)
contains the coordinates of the vertexes of
every Mbf defined in the program. If this part of
the memory is not used to store the Mbfs set-
ting, it can be use to store the instruction set on
the user program.
The Program Instruction Set memory block
(1024 through 8191) contains the instruction
set of the user program.
Table 3.1 EPROM Control Register
OPERATION
REGISTER VALUE
Stand By
0
Memory
Reading / Verify
1
Memory Unlock and
Lock Status Reading
2
Memory
Writing
3
Memory
Lock
4
ID CODE
Writing
5
Memory Lock Status
Reading / Verify
9
ID CODE
Reading / Verify
10
Figure 3.1 Program Memory Organization
RESET VECTOR
INTERRUPT VECTORS
MEMBERSHIP FUNCTIONS
PARAMETERS
PROGRAM INSTRUCTIONS
AND PERMANENT DATA
PROGRAM INSTRUCTIONS
AND PERMANENT DATA
0000h
0015h
0400h
0003h
2000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com