Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 54Page - STMicroelectronics ST52T400 Datasheet HTML 55Page - STMicroelectronics ST52T400 Datasheet HTML 56Page - STMicroelectronics ST52T400 Datasheet HTML 57Page - STMicroelectronics ST52T400 Datasheet HTML 58Page - STMicroelectronics ST52T400 Datasheet HTML 59Page - STMicroelectronics ST52T400 Datasheet HTML 60Page - STMicroelectronics ST52T400 Datasheet HTML 61Page - STMicroelectronics ST52T400 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
ST52T400/T440/E440/T441
58/94
The 16-bit Prescaler divides the master clock,
CLKM or the external signal TCLK. The Prescaler
output can be selected setting the PRESC bit of
REG_CONF6.
NOTE:
The external clock signal, applied on
TCLK pin, must have a frequency that is at least
two times smaller than the internal master clock.
When the Counter reaches the Peripheral Regis-
ter PWM_COUNT value (Compare Value), the
TIMEROUT signal changes from high to low level,
up to the next counter start.
The period of the PWM signal is obtained by using
the following formula:
T= (255-PWM_RELOAD)*TMRCLK
where TMRCLK is the output of the 16-bit pres-
caler. The duty cycle of the PWM signal is
controlled by the Output Register PWM_COUNT:
Ton =(PWM_COUNT- PWM_RELOAD)* TMRCLK
If the Output Register PWM_COUNT value is 255
the TIMEROUT signal is always at high level.
If the Output Register PWM_COUNT is 0, or less
than the PWM_RELOAD value, TIMEROUT sig-
nal is always at low level.
NOTE.
If the PWM_RELOAD value increases, the
duty cycle resolution decreases.
By using a 20 MHz Master Clock a PWM fre-
quency in the range between 1.2 Hz to 78.43 Khz
may be obtained.
NOTE:
The Timer, before using a new value of the
counter or of the reload, has to complete the previ-
ous counting. If the counter/reload value is
changed during counting, the new value of the
timer counter is used only at the end of the previ-
ous counting phase. This happens both in Timer
andinPWM mode.
WARNING:
loading new values of the reload in
the PWM_x_RELOAD registers, the PWM/Timer is
immediately set on-fly. This can cause some side
effects during the current counting cycle. The next
cycles work normally. This occurs both in Timer
andinPWM mode.
When the Timer is in Reset, or when the device is
reset, the TOUT pin goes to threestate: it is rec-
ommended to use a pull-up or a pull-down resistor
if this output is used to drive an external device.
Figure 9.4 PWM Mode with Auto Reload
t
t
255
compare
value
reload
register
0
PWM
Output
Ton
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com