Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 31Page - STMicroelectronics ST52T400 Datasheet HTML 32Page - STMicroelectronics ST52T400 Datasheet HTML 33Page - STMicroelectronics ST52T400 Datasheet HTML 34Page - STMicroelectronics ST52T400 Datasheet HTML 35Page - STMicroelectronics ST52T400 Datasheet HTML 36Page - STMicroelectronics ST52T400 Datasheet HTML 37Page - STMicroelectronics ST52T400 Datasheet HTML 38Page - STMicroelectronics ST52T400 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 94 page
background image
ST52T400/T440/E440/T441
35/94
INC_ADD (PB1) signal increments the memory
address.Control Register. When RST_CONF is
high, the DATA I/O Port A is in output, other-
wise it is always in input.
The signal applied on INC_CONF (PB3) incre-
ments the EPROM Control Register value. To
select the operation it must be provided as many
signal edges as the value to be written in the reg-
ister (see Table 3.1).
The signal on PHASE (PB7) validates the opera-
tion selected by means of the EPROM Control
Register value.
3.1.1 EPROM Operation. In order to execute an
EPROM operation (see Table 3.1), the corre-
sponding identification value must be loaded in
the EPROM Control Register. The signal timing is
the following: RST_ADD= high and PHASE= high,
RST_CONF changes from low to high level, to
reset
the
EPROM
Control
Register,
and
INC_CONF signal generates a number of positive
pulses equal to the value to be loaded. After this
sequence, a negative pulse of the PHASE signal
will validate the selected operation. The minimum
PHASE signal pulse width must be 10
µsfor the
EPROM Writing Operation and 100 ns for the oth-
ers.
When RST_CONF is high, the DATA I/O Port A is
enabled in output and the reading/verify operation
results are available.
After a writing operation, when RST_CONF is
high, Port A is in output without valid data.
3.1.2 EPROM Locking. The Memory Lock oper-
ation, which is identified with the number 4 in the
EPROM Control Register, writes “0" in the Mem-
ory Lock Cell.
At the beginning of an External Operation, when
RST_ADD signal changes from low level to high
level, the Memory Lock Status flag is “0", therefore
it is necessary to unlock it before proceeding.
In order to unlock the Memory Lock Status flag the
operation, which is identified with the number 2 in
the EPROM Control Register must be executed
(see Figure 3.2).
The Memory Lock Status flag can be changed.
Therefore, after a Memory Lock operation, exter-
nal operations cannot be executed except reading
(or verify) the OTP Code and the Memory Lock
Status.
3.1.3 EPROM Writing. When
the
memory
is
blank, all the bits are at logic level “1". The data is
introduced by programming only the zeros in the
desired memory location; however, all input data
must contain both ”1” and “0". The only way to
change “0" into ”1” is to erase the whole memory
(by exposure to UV light) and reprogram it.
The memory is in Writing mode when the EPROM
Control Register value is 3.
The VPP voltage must be 12V±5%, with stable
data on the data bus PB(0:7). The signals timing is
the following (see Figure 3.2):
1) RST_ADD and RST_CONF change from low to
high level,
2) two pulses on INC_CONF signal load the Mem-
ory Unlock operation code,
3) a negative pulse (100 ns) on the PHASE signal
validates the Memory Unlock operation,
4) a negative pulse on RST_CONF signal resets
the EPROM Control Register,
5) three positive pulses on INC_CONF load the
Memory Writing operation code,
6) a train of positive pulses on INC_ADD signal
increments the memory location address up to the
requested value (generally this is a sequential
operation and only one pulse is used),
7) a negative pulse (10
µs) on the PHASE signal
validates the Memory Writing operation.
3.1.4
EPROM Reading/Verify Margin Mode.
Thereadingphaseis executed withVPP=5V±5%,
instead of verify phase that needs VPP=12V±5%.
The Memory Verify operation is available in order
to verify the correctness of the data written. The
Memory Verify Margin Mode operation may be
executed immediately after the writing of each
byte and in this case (see Figure 3.2):
1) one positive pulse on RST_CONF signal resets
the Control Register, if it was not already reset
2) one positive pulse on INC_CONF loads the
Memory Reading/Verify operation code,
3) one negative pulse (100 ns) on the PHASE sig-
nal validates the Memory Reading/Verify opera-
tion,
4) a negative pulse on RST_CONF signal puts in
the PB(0:7) port the value stored in the actual
memory address and resets the EPROM Control
Register.
Then, if any error in writing occurred, the user has
to repeat the EPROM writing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com