Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 55Page - STMicroelectronics ST52T400 Datasheet HTML 56Page - STMicroelectronics ST52T400 Datasheet HTML 57Page - STMicroelectronics ST52T400 Datasheet HTML 58Page - STMicroelectronics ST52T400 Datasheet HTML 59Page - STMicroelectronics ST52T400 Datasheet HTML 60Page - STMicroelectronics ST52T400 Datasheet HTML 61Page - STMicroelectronics ST52T400 Datasheet HTML 62Page - STMicroelectronics ST52T400 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 94 page
background image
ST52T400/T440/E440/T441
59/94
9.3 Timer Interrupt
The TIMER can be programmed to generate an
Interrupt request until the end of the count or when
there is an Timer Stop signal (TSTRT). The Timer
can generate programmable Interrupts into 4 dif-
ferent modes:
Interrupt mode 1: Interrupt on Timer Stop.
Interrupt mode 2: Interrupt on Rising Edge of
TIMEROUT.
Interrupt mode 3: Interrupt on Falling Edge of
TIMEROUT.
Interrupt mode 4: Interrupt on both edges of
TIMEROUT.
The Interrupt mode can be selected by means of
INTSL and INTE bits of the REG_CONF5.
NOTE:
the interrupt on TIMEROUT rising edge is
also generated after the Start.
WARNING:
If the PWM/Timer is configured with
the Interrupt on Stop and the Start/Stop is
configured as external, a low signal in the STRT
pin determines a PWM/Timer interrupt even if the
peripheral is off. If the interrupt is configured on
falling edge, a reset signal generates an interrupt
request.
Reset Configuration = “00000000”
Table 9.1 Configuration Register 5 Description
Bit
Name
Value
Description
0
TIRST
0
Internal RESET
1
Internal SET
1
TERST
0
External RESET on Level
1
External RESET on Edge
2
TISTR
0
Internal STOP
1
Internal START
3
TESTR
0
External START on Level
1
External START on Edge
4
INTE
00
TIMER Interrupt on TIMEROUT Falling Edge
01
TIMER Interrupt on TIMEROUT Rising Edge
5
10
TIMER Interrupt on Both Edges of TIMEROUT
11
- not used
6
INTSL
0
TIMER Interrupt on Counter Stop
1
TIMER Interrupt on TIMEROUT Edges
7
TMODE
0
TIMER MODE
1
PWM MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com