Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 62Page - STMicroelectronics ST52T400 Datasheet HTML 63Page - STMicroelectronics ST52T400 Datasheet HTML 64Page - STMicroelectronics ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics ST52T400 Datasheet HTML 67Page - STMicroelectronics ST52T400 Datasheet HTML 68Page - STMicroelectronics ST52T400 Datasheet HTML 69Page - STMicroelectronics ST52T400 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 94 page
background image
ST52T400/T440/E440/T441
66/94
10.3 Burst Mode
When working in Burst mode, the synchronization
with
the
mains
is
mandatory,
therefore
REG_CONF10(4) bit CKSL must be set to “1”.
(Table 10.3).
A square wave Tb is generated with a duty cycle
proportional to the power the user needs to trans-
fer to the load. A pulse is generated for each zero
crossing of the mains voltage included in the Ton
of the fixed period T. Figure 10.4 illustrates the
typical Burst Control working mode. The period T
of the signal Tb (Figure 10.4) is:
T = 255*Tck
The signal Tck is generated by programming the
16-bit
Prescaler
by
REG_CONF8
and
REG_CONF9 (Figure 10.2). Tck is equal to the
mains voltage frequency (50 or 60 Hz) divided by
N+1, where N is an integer value in the range [0,
216-1].
The value Ton is proportional to the value con-
tained in TRIAC_COUNT Register (Output Regis-
ter 9)
The number of generated pulses N_PULSES in
TROUT pin is equal to:
N_PULSES = 2*[(N+1)*TRIAC_COUNT]
where N is the value stored in the 16-bit prescaler.
Therefore it is:
Ton = TRIAC_COUNT*Tck
The TRIAC_COUNT can be changed on fly and
takes effect from the following period; the Pres-
caler value N instead is fixed since the beginning
and cannot be changed on fly.
The first pulse is obtained during the first zero
crossing of the main voltage and the last one is
generated after clock pulses included in the time
period TRIAC_COUNT*Tck, where Tck is the
Prescaler output, generated by using the main
voltage frequency applied to MAIN1 and MAIN2
pins. This guarantees synchronization with the
mains voltage frequency.
Ranges of the Tb signal period depend on the
power line frequency and Prescaler (Table 10.2).
In order to drive a Triac in Burst Mode a pulse
sequence must be generated, which must be cen-
tered on the zero crossing of the power line as
illustrated in Figure 10.7. Therefore, the pre zero
crossing and the post zero crossing of the power
line must be detected.
To detect the zero-crossing and also obtain the
main voltage frequency, the user must generate
MAIN1 and MAIN2 signals by using the circuit
illustrated in Figure 10.5.
MAIN1 and MAIN2 signals are used in the block
called PULSE GENERATOR of the peripheral
(see Figure 10.1).
Table 10.2 TROUT Signal Period
Power Line
Frequency
T
min
max
50 Hz
5.10 s
334233.60 s
60 Hz
4.25 s
278528.05 s
Figure 10.4 Burst Working Mode
-1.5
-1
-0.5
0
0.5
1
1.5
Ton
Tb
Power
Line
T = 255 * Tck



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com