Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 63Page - STMicroelectronics ST52T400 Datasheet HTML 64Page - STMicroelectronics ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics ST52T400 Datasheet HTML 67Page - STMicroelectronics ST52T400 Datasheet HTML 68Page - STMicroelectronics ST52T400 Datasheet HTML 69Page - STMicroelectronics ST52T400 Datasheet HTML 70Page - STMicroelectronics ST52T400 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 94 page
background image
ST52T400/T440/E440/T441
67/94
In particular, the pulses are generated by using
the rising edge of the signal MAIN1 and the falling
edge of the signal MAIN2. Figure 10.6 illustrates
the generation of the Triac pulses Tp.
The first firing pulse for the Triac is generated on
the zero crossing of the power line, while the next
pulses are centered on the zero crossing. Gener-
ally, the Triac firing pulses start 1/2 Tp before the
zero crossing and the length of the pulses is Tp,
see Figure 10.6.
The length Tp of the pulses is programmable by
using
a
16
bit
value
UTP,
obtained
with
REG_CONF19
bits,
UTPMSB,
and
REG_CONF20, UTPLSB (see Figure 10.12 and
Table 10.5):
TP =TCLKM *UTP
The value Tp is in the range [0, 3.2]
ms when the
clock master is 20 MHz.
According to REG_CONF10(0) configuration reg-
ister bit, POL, the firing pulses polarity may be set;
in order to obtain positive or negative gate Triac
currents, allowing to work respectively in I and IV
quadrants, or in the II and III quadrants (see Fig-
ure 10.6).
The pulses polarity can be changed on fly with
immediate effect.
Working in the II and III quadrant the peripheral
implements the following procedure:
1) The firing pulse is set to “1" on the rising edge
Figure 10.5 Burst Mode Zero Crossing Circuit
Figure 10.6 Burst Mode Zero Crossing Circuit
(1)
(0.5)
0.5
Ig
Negative
Triac Gate
Current
½Tp
Positive
Triac Gate
Current
1
0
Power
Line
Ig
II and III quadrants
I and IV quadrants
Tp
½Tp
Figure 10.7 Burst Mode Zero Crossing
MAIN1
MAIN2
-1.5
-1
-0.5
0
0.5
Main Voltage
TRIACOUT
Tp
Tp
Tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com