Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 23Page - STMicroelectronics ST52T400 Datasheet HTML 24Page - STMicroelectronics ST52T400 Datasheet HTML 25Page - STMicroelectronics ST52T400 Datasheet HTML 26Page - STMicroelectronics ST52T400 Datasheet HTML 27Page - STMicroelectronics ST52T400 Datasheet HTML 28Page - STMicroelectronics ST52T400 Datasheet HTML 29Page - STMicroelectronics ST52T400 Datasheet HTML 30Page - STMicroelectronics ST52T400 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 94 page
background image
ST52T400/T440/E440/T441
27/94
2.3.5 Input Membership Function.
ST FIVE allows the management of triangular
Mbfs. In order to define an Mbf, three different
types of data must be stored on the Program/Data
Memory:
the vertex of the Mbf: V;
the length of the left semi-base: LVD;
the length of the right semi-base: RVD;
In order to reduce the size of the memory area
and the computational effort the vertical dimension
of the vertex is set to 15 (4 bits).
By using the previous memorization method differ-
ent kinds of triangular Membership Functions may
be stored. Figure 4.6 illustrates a typical example
of Mbfs that can be defined in ST FIVE.
Each Mbf is then defined storing 3 bytes in the first
1 Kbyte of the program memory.
The Mbf is memorized by using the following
instruction:
MBF n_mbf lvd v rvd
where
n_mbf identifies Mbf, lvd, v, and rvd, which are the
parameters that describe the Mbf’s shape.
2.3.6 Output Singleton.
ST FIVE uses a particular kind of membership
function called Singleton for its output variables. A
Singleton doesn’t have a shape, like a traditional
Mbf, and is characterized by a single point identi-
fied by the couple (X, w), where the w is calcu-
lated by the Inference Unit as described before.
Often, a Singleton is simply identified with its Crisp
Value X.
2.3.7 Fuzzy Rules.
Rules can have the following structures:
if A op B op C...........then Z
if (A op B) op (C op D op E...)...........then Z
where op is one of the possible linguistic opera-
tors (AND/OR)
In the first case the rule operators are managed
sequentially; in the second one, the priority of the
operator is fixed by the brackets.
Each rule is codified by using an instruction set,
the inference time for a rule with 4 antecedents
and 1 consequent is about 3 microseconds.
Figure 2.10 Mbfs Parameters
X
15
LV D
R V D
V
15
0
0
I npu t M b f
O u t put S ingle t on
O u t put V a r ia b le
In p u t V ar iable
w
Figure 2.11 Example of valid Mbfs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com