Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 45Page - STMicroelectronics ST52T400 Datasheet HTML 46Page - STMicroelectronics ST52T400 Datasheet HTML 47Page - STMicroelectronics ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics ST52T400 Datasheet HTML 52Page - STMicroelectronics ST52T400 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
ST52T400/T440/E440/T441
49/94
(*) Not available in ST52x400xx
(*) Not available in ST52x400F/440F/441F
(*) Not available in ST52x400xx
(**) Not available in ST52x440F/441F
(*)
Not used in ST52x400F/440F/441F
(**)
Must be set to 1
Table6.5 -PortA -REG_CONF 12
Bit
Name
Value
Pin Description
0
D0
X
PA0/TROUT
1
D1
X
PA6/TOUT
2
D2
X
PA2/TOUTN
3
D3
X
PA7/ACSYNC(*)
4
D4
not used
5
D5
not used
6
D6
not used
7
D7
not used
X = 0 Pin set as Alternate Function Output
X = 1 Pin set as Digital I/O
Reset Configuration ‘1111’
Table6.6 -PortB -REG_CONF 13
Bit
Name
Value
Related Pin
0
D0
X
PB0
1
D1
X
PB1
2
D2
X
PB2
3
D3
X
PB3
4
D4
X
PB4(*)
5
D5
X
PB5(*)
6
D6
X
PB6(*)
7
D7
X
PB7
X = 0 Pin set as Output
X = 1 Pin set as Input
Reset Configuration ‘11111111’
Table 6.7 Analog Inputs REG_CONF 14
Bit
Name
Value
Pin Description
0
D0
X
PB0/AC0(*)
1
D1
X
PB1/AC1(*)
2
D2
X
PB2/AC2(*)
3
D3
X
PB3/AC3(*)
4
D4
X
PB4/AC4(*)(**)
5
D5
X
PB5/AC5(*)(**)
6
D6
X
PB6/BG(*)(**)
7
D7
X
PB7/CS(*)(**)
X = 0 Pin set as Digital I/O
X = 1 Pin set as Analog Input
Reset Configuration ‘00000000’
Table 6.8 -PortC -REG_CONF 11
Bit
Name
Value
Related Pin
0
D0
X
PC0(*)
1
D1
X
PC1(*)
2
D2
X
PC2(*)
3
D3
X
PC3(*)
4
D4
X
PC4(*)
5D5
1
(**)
6
D6
not used
7
D7
not used
X = 0 Pin set as Digital Output
X = 1 Pin set as Digital Input
Reset Configuration ‘11111111’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com