Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 20Page - STMicroelectronics ST52T400 Datasheet HTML 21Page - STMicroelectronics ST52T400 Datasheet HTML 22Page - STMicroelectronics ST52T400 Datasheet HTML 23Page - STMicroelectronics ST52T400 Datasheet HTML 24Page - STMicroelectronics ST52T400 Datasheet HTML 25Page - STMicroelectronics ST52T400 Datasheet HTML 26Page - STMicroelectronics ST52T400 Datasheet HTML 27Page - STMicroelectronics ST52T400 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 94 page
background image
ST52T400/T440/E440/T441
24/94
(*) Not used on ST52x400xx versions
Table 2.2 Configuration Registers Description
CONFIGURATION REGISTER
PERIPHERAL
DESCRIPTION
REG_CONF 0
INTERRUPT MASK
Interrupts mask setting, Polarity, Brown Out
REG_CONF 1(*)
ANALOG COMPARATOR
AC Configuration Register 1
REG_CONF 2
WATCHDOG TIMER
Watchdog Timer Configuration
REG_CONF 3(*)
ANALOG COMPARATOR
AC Configuration Register 2
REG_CONF 4
PORT A
PORT A digital pin I/O direction
REG_CONF 5
PWM/TIMER
PWM/TIMER Working mode Configuration
REG_CONF 6
PWM/TIMER
PWM/TIMER Prescaler configuration and
output waveform selection.
REG_CONF 7
PWM/TIMER
PWM/TIMER Prescaler settings
REG_CONF 8
PWM/TRIAC
PWM/TRIAC Prescaler settings
REG_CONF 9
PWM/TRIAC
PWM/TRIAC Prescaler configuration and
output waveform selection.
REG_CONF 10
PWM/TRIAC
PWM/TRIAC Working mode Configuration
REG_CONF 11
PORT C
PORT C digital pin I/O direction
REG_CONF 12
PORT A
PORT A Alternate function settings
REG_CONF 13
PORT B
PORT B digital pin I/O direction
REG_CONF 14(*)
PORT B
PORT B settings for digital or analog pin
REG_CONF 15(*)
ANALOG COMPARATOR
Analog Comparator Prescaler settings
REG_CONF 16(*)
ANALOG COMPARATOR
Analog Comparator in A/D working mode
REG_CONF 17
INTERRUPT
Interrupt priorities
REG_CONF 18
INTERRUPT
Interrupt priorities
REG_CONF 19
TRIAC
TRIAC Pulses Width Configuration
REG_CONF 20
TRIAC
TRIAC Pulses Width Configuration
Table 2.3 Output Registers
OR MNEMONIC NAME
PERIPHERAL REGISTER
ADDRESS
PORT_A
PORT A OUTPUT REGISTER
0
PORT_B
PORT B OUTPUT REGISTER
1
PORT_C (**)
PORT C OUTPUT REGISTER
2
PWM_COUNT
TIMER/PWM COUNTER Value
3
PWM_RELOAD (*)
PWM/TIMER RELOAD Value
4
not used
5
not used
6
not used
7
not used
8
TRIAC_COUNT
TRIAC DRIVER COUNTER Value
9
(
*)Used if Peripheral has been programmed in PWM Mode (**) Not used on ST52x400F/440F/441F versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com