Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 50 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 46Page - STMicroelectronics ST52T400 Datasheet HTML 47Page - STMicroelectronics ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics ST52T400 Datasheet HTML 52Page - STMicroelectronics ST52T400 Datasheet HTML 53Page - STMicroelectronics ST52T400 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
ST52T400/T440/E440/T441
50/94
7 ANALOG COMPARATOR (ST52X440/441)
7.1 Analog Module Overview
The ST52x440/441 includes an Analog Compara-
tor (AC) among its peripherals.
The Analog Comparator is endowed with analog
and digital elements in order to also allow the user
to make use of it as a single slope Analog to Digi-
tal converter. In particular, ST52x440/441 is
endowed with:
s
Analog Comparator;
s
7 channels analog mux (6 external lines, 1
internal voltage reference);
s
a current source providing 7 programmable
values;
s
16 bit Timer with a Capture Register and 12 bit
Prescaler;
The Analog Comparator peripheral can also be
used as a single slope A/D, supplying a ramp sig-
nal to the pin CS. The selection of the working
mode, as either Analog Comparator or single
slope
A/D
can
be
performed
via
the
REG_CONF3[(0)] bit.
7.2 Comparator Mode
In Analog Comparator mode, REG_CONF3[(0)] is
set to “0”. The AC inputs are available on the
external pins. The reference signal must be con-
nected to the CS pin, the signal to be compared
goes to the analog input AC0.
When the input becomes lower than the refer-
ence, the Analog Comparator output changes to
value “1”. The output can be read on the less sig-
nificative bit of Input Register 1 AC_CHAN0H
(Table 2.1).
7.3 A/D Converter Mode
To use the Analog Comparator for A/D Conver-
sion, REG_CONF3[(0)] bit must be set to “1”.
In A/D Mode either the insertion of an external
capacitor to pin CS or the connection to an exter-
nal signal to generate the reference ramp may be
chosen.
In the first case REG_CONF16[(1)] bit must be set
to “0”. The internal current generator, utilized to
charge the capacitor, provides 7 possible current
values,
which
can
be
selected
via
REG_CONF3[(7:5)]. The current values are in the
range between 0 to 70
µA withstepof 10µA.
The capacitor should have a low voltage coeffi-
Figure 7.1 Analog Peripheral Block Diagram
AC0
AC1
CS
Bandgape Ref.=2.5V
Vcc
+
-
16 bit Timer
Stop Count
12 bit Presc.
CLK
Timer CLK
A/D Configuration Registers
7
6
5
43210
A/D Configuration Registers
7
6
5
4
3
2
10
Start
Current Sel.
Converted
Value
AC2
AC3
AC4
AC5
GNDA
7
6
5
43210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com