Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics ST52T400 Datasheet HTML 52Page - STMicroelectronics ST52T400 Datasheet HTML 53Page - STMicroelectronics ST52T400 Datasheet HTML 54Page - STMicroelectronics ST52T400 Datasheet HTML 55Page - STMicroelectronics ST52T400 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 94 page
background image
ST52T400/T440/E440/T441
52/94
The four modes are selected by configuring
REG_CONF1[(2)] to choose among the conver-
sion of a single channel or a sequence of chan-
nels
and
REG_CONF1[(1)]
to
perform
the
conversion once or continuously.
REG_CONF1[(5:3)] bits allows the user to choose
the channel to be converted in Single Channel
mode or the last channel to be converted (starting
from AC0) in Multiple Channels mode.
To start the conversion, REG_CONF16[(0)] must
be set to “1” and to “0” to stop it.
Note: in Single conversion modes, the Start bit
REG_CONF16[(0)] must be reset to 0 before
starting another conversion; in Comparator Mode
it must be set to ‘”0”.
Reset Configuration Value = “00000000”
Reset Configuration Value = “00000000”
The Analog Comparator in A/D Converter Mode
supplies an interrupt source. The interrupt signal
can be generated either after the end of the each
channel conversion (REG_CONF3[(4)]=0) or after.
the
end
of
the
conversion
sequence
(REG_CONF3[(4)]=1).
Reset Configuration Value = “00000000”
Reset Configuration Value = “00000000”
Table 7.1 Configuration Register 1
Bit
Name
Value
Description
0
REFM
0
Convert only data
1
Convert data and
reference value
1
CONV
0
Single Conversion
1
Continuous Conversion
2
SEQ
0
Single Channel
1
Multiple Channel
3
CHAN
000
Channel 0 AC0
4
001
Channel 1 AC1
010
Channel 2 AC2
011
Channel 3 AC3
5
100
Channel 4 AC4
101
Channel 5 AC5
110
Not used
111
Not used
6
NBCV
00
One Conversion
01
Two Conversion
7
10
Three Conversion
11
Not Used
Table 7.2 Configuration Register 15
Bit
Name
Description
7:0
PRES(7:0)
Timer Prescaler (7:0)
Table 7.3 Configuration Register 3
Bit
Name
Value
Description
0MODE
0
Comparator Mode
1
A/D Mode
1REFV
0
Reference= GNDA
1
Reference = 2.42 V
2POL
0
Rising crossing
1
Falling crossing
3UPDW
0
Up Counter
1
Down Counter
4INT
0
Interrupt after each
conversion
1
Interrupt after the end
of the conversion
cycle
5
CUR
000
Current generator off
001
10
µA charge current
010
20
µA charge current
011
30
µA charge current
6
100
40
µA charge current
101
50
µA charge current
7
110
60
µA charge current
111
70
µA charge current
Table 7.4 Configuration Register 16
Bit
Name
Value
Description
0
STRT
0
A/D Converter Stopped
1
A/D Converter Started
1
ADM
OD
0
Capacitor ramp
1
External ramp generator
2
Not used
3
7:4
PRES(11:8
Timer Prescaler (11:8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com