Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 13Page - STMicroelectronics ST52T400 Datasheet HTML 14Page - STMicroelectronics ST52T400 Datasheet HTML 15Page - STMicroelectronics ST52T400 Datasheet HTML 16Page - STMicroelectronics ST52T400 Datasheet HTML 17Page - STMicroelectronics ST52T400 Datasheet HTML 18Page - STMicroelectronics ST52T400 Datasheet HTML 19Page - STMicroelectronics ST52T400 Datasheet HTML 20Page - STMicroelectronics ST52T400 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 94 page
background image
ST52T400/T440/E440/T441
17/94
Table 1.5 SO20 and DIP20 Pin Configuration - ST52x440/441
PIN SO20/DIP20
NAME
Programming Phase
Working Phase
1VDD
Digital Power Supply
Digital Power Supply
2
OSCOUT
Oscillator Output
3
OSCIN
Oscillator Input
4
Vpp
EPROM Programming
Power supply (12V
±5%)
EPROM VDD or Vss
5
PB7/CS
PHASE signal (PHASE)
Digital I/O - Capacitor connection
6
PB3/AC3
Configuration INCREMENT
(INC_CONF)
Digital I/O
Analog Comparator Channel 3
7
PB2/AC2
Configuration RESET
(RST_CONF)
Digital I/O
Analog Comparator Channel 2
8
PB1/AC1
Address INCREMENT
(INC_ADD)
Digital I/O
Analog Comparator Channel 1
9
PB0/AC0
Address Reset
(RST_ADD)
Digital I/O
Analog Comparator Channel 0
10
GNDA
Analog Ground
Analog Ground
11
PA0/TROUT
I/O EPROM Data
Digital I/O - TRIAC Driver Output
12
PA1/MAIN1
I/O EPROM Data
Digital I/O
Zero Crossing Detection pin 1
13
PA2/MAIN2/
TOUTN
I/O EPROM Data
Digital I/O
Zero Crossing Detection pin 2
Complementary Timer Output
14
PA3/ACSTRT
I/O EPROM Data
Digital I/O
Analog Comp. counter external start
15
PA4/TSTRT
I/O EPROM Data
Digital I/O - Timer external start
16
PA5/TCLK
I/O EPROM Data
Digital I/O - Timer external clock
17
PA6/TRES/TOUT
I/O EPROM Data
Digital I/O
Timer external reset - Timer output
18
PA7/INT/
ACSYNC
I/O EPROM Data
Digital I/O - External Interrupt
Analog Comparator counter ready
19
RESET
General Reset
General Reset
20
VSS
Digital Ground
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com