Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 14Page - STMicroelectronics ST52T400 Datasheet HTML 15Page - STMicroelectronics ST52T400 Datasheet HTML 16Page - STMicroelectronics ST52T400 Datasheet HTML 17Page - STMicroelectronics ST52T400 Datasheet HTML 18Page - STMicroelectronics ST52T400 Datasheet HTML 19Page - STMicroelectronics ST52T400 Datasheet HTML 20Page - STMicroelectronics ST52T400 Datasheet HTML 21Page - STMicroelectronics ST52T400 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
ST52T400/T440/E440/T441
18/94
1.3 Pin Description
ST52x400/440/441 pins can be set in digital input
mode, digital output mode or in Alternate Func-
tions. The pin configuration is achieved by means
of the configuration registers. The functions of the
ST52x400/440/441 pins are described below:
VDD. Main Power Supply Voltage (5V ± 10%).
VSS. Digital circuit Ground. All Vss pins must be
connected to ground (see ST52T400 pin-out).
GNDA. Analog circuit ground of the Analog Com-
parator. Must be tied to VSS.
VPP. Main Power Supply for internal EPROM pro-
gramming and MODE selector. During the Pro-
gramming phase VPP must be set at 12V. In the
Working phase VPP must be equal to VSS.
OSCin and OSCout. These pins are internally
connected to the on-chip oscillator circuit. A quartz
crystal or a ceramic resonator can be connected
between these two pins in order to allow the cor-
rect operations of ST52x400/440/441 with various
stability/cost trade-offs. An external clock signal
canbeapplied toOSCin: inthis caseOSCout
must be grounded.
RESET.
This
signal
is
used
to
reset
the
ST52x400/440/441 and re-initialize the registers
and control signals. It also allows the user to
select the working mode of the device.
PA0-PA7, PB0-PB7,PC0-PC4. These lines are
organized as I/O ports. Each pin can be config-
ured as an input or output. During the Program-
ming phase the ports are used for EPROM data
read/write operations.
AC0-AC5(*).
These pins are used to input the
analog signals to the Analog Comparator. An ana-
log multiplexer is available to switch these inputs
to the Analog Comparator.
CS(*). This pin outputs the current generated in
the Analog Comparator peripheral by a current
generator, allowing charging of an external capac-
itor to obtain a voltage ramp for the A/D conver-
sion.
ACSTRT, ACSYNC(*). These pins are used to
synchronize the 16-bit counter of the Analog Com-
parator with an external ramp generator. The
ACSTRT input is used to start the counter. The
ACSYNC output is set when the counter is ready
to start a new count.
BG(*). A Bandgap Reference value of 2.5V is
available on this pin. It can be used for analog sig-
nal conditioning.
TOUT, TOUTN.These pins output the signal gen-
erated by the TIMER peripheral. The T0OUTN
signal is the complement of the T0OUT one.
TRES, TSTRT, TCLK . These pins are related to
the TIMER peripheral and are used for Input Cap-
ture and event counting. The TRES pin is used to
set/reset the Timer; the TSTRT pin is used to start/
stop the counter. The Timer can be driven by the
internal clock or by an external signal connected
to the TCLK pin.
TROUT, MAIN1, MAIN2. These pins are related to
the TRIAC DRIVER peripheral. TROUT outputs
the signal generated by the peripheral. In order to
drive a TRIAC directly without the use of addi-
tional components, the TROUT pin can supply up
to 50 mA (2V voltage drop). MAIN1 and MAIN2
pins are used to detect the zero crossing of the
Power Line voltage.
(*) Not available in ST52x400 devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com