Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics ST52T400 Datasheet HTML 67Page - STMicroelectronics ST52T400 Datasheet HTML 68Page - STMicroelectronics ST52T400 Datasheet HTML 69Page - STMicroelectronics ST52T400 Datasheet HTML 70Page - STMicroelectronics ST52T400 Datasheet HTML 71Page - STMicroelectronics ST52T400 Datasheet HTML 72Page - STMicroelectronics ST52T400 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 94 page
background image
ST52T400/T440/E440/T441
69/94
Reset Configuration = “00000000”
Reset Configuration = “00000000”
Figure 10.8 Phase angle Partialization Mode
(1.5)
(1)
(0.5)
0
0.5
1
1.5
(1)
(0.5)
0
0.5
1
1.5
V
A2-A1
Il
α
γ
Phase Angle
Current Flow Angle
L
N
Load
A2
A1
Il
Table 10.3 Configuration Register 10
Bit
Name
Value
Description
0
POL
0
Set Positive Output
Pulse Polarity
1
Set Negative Output
Pulse Polarity
1
-
-
Not used
2
MODE
00
PWM Mode
01
Burst Mode
3
1X
Phase Partialization
4
CKSL
0
Internal Clock Master
1
External Clock
on Main1
5
TCST
0
Triac Stop
1
Triac Start
6
IOSL
0
Set MAIN2 as
Alternate Function
1
MAIN2 coinciding with
MAIN1
7
TCRST
0
Triac Reset
1
Triac Set
Table 10.4 Configuration Register 19
Bit
Name
Value
Description
0 - 7
UTPMSB
Output Impulse
Width most
significative bit
Table 10.5 Configuration Register 20
Bit
Name
Value
Description
0 - 7
UTPLSB
Output Impulse
Width least
significative bit
Figure 10.9 Phase Angle Partialization Mode
(1.5)
(1)
(0.5)
0
0.5
1
1.5
Mains
Voltage
10 mS
20 mSec
T1
T1
Tmax
8mS
Tr
Tr/2
Ti



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com