Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 42Page - STMicroelectronics ST52T400 Datasheet HTML 43Page - STMicroelectronics ST52T400 Datasheet HTML 44Page - STMicroelectronics ST52T400 Datasheet HTML 45Page - STMicroelectronics ST52T400 Datasheet HTML 46Page - STMicroelectronics ST52T400 Datasheet HTML 47Page - STMicroelectronics ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
ST52T400/T440/E440/T441
46/94
6I/O PORTS
6.1 Introduction
ST52x400/440/441 devices offer flexible individu-
ally programmable multi-functional input/output
lines. Refer to Chapter 1 for specific pin alloca-
tions.
21 I/O lines, grouped in 3 different ports, are avail-
able for ST52x400G/440G/441G devices:
PORT A = 8-bit ports (PA0 - PA7 pins)
PORT B = 8-bit ports (PB0 - PB7 pins)
PORT C = 5-bit port (PC0 - PC4 pins)
13 I/O lines, grouped in 2 different ports are avail-
able for ST52x400F/440F/441F devices:
PORT A = 8-bit ports (PA0 - PA7 pins)
PORT B = 5 -bit ports (PB0 - PB3 and PB7 pins)
These I/O lines can be programmed to provide
Digital Input/Output or Analog Input, or to connect
input/output signals to the on-chip peripherals as
Alternate Pin Functions.
The input buffers are TTL compatible with Schmitt
Trigger in ports A and C while port B is CMOS
compatible without Schmitt trigger and it is used
for the Analog Inputs.
The output buffer can supply up to 8 mA.
All the port pins of 400/440 devices have an
internal pull-up resistor (22 k
). The 441 device
doesn’t have internal pull-up resistor. This
pull-up
resistor
is
automatically
excluded
when the pin is configured as Analog Input or,
in MAIN1 and MAIN2 pins,
when the Triac
Driver is configured in Phase Angle Partializa-
tion or Burst mode.
Each single port pin can be programmed in input
or output or Alternate Function, so that in the
same port there can be both input and output pins.
The port pins are write/read in parallel at the same
time: when reading output pins, the port buffer
contents are read; when writing an input pin the
value is written in the buffer.
Each port is configured by using Configuration
Registers indicated in Table 6.1. The first is used
to define if a pin is an Input or an Output, the sec-
ond defines the Alternate functions.
(*)
Not available in ST52x400F/440F/441F
(**) Only in ST52x440F/441F
Table 6.1 I/O Port Configuration Register
PORT A
PORT B
PORT C (*)
Reg_Conf 4
Reg_Conf 13
Reg_Conf 11
Reg_Conf 12
Reg_Conf 14
Reg_Conf 11**
Figure 6.1 Ports A and C Functional Blocks
TTL
PORT A PIN
or PORT C PIN
TO INPUT REGISTER
and PERIPHERALS
FROM PERIPHERAL
FROM OUTPUT REGISTER
FROM CONFIGURATION REGISTER
FROM CONFIGURATION REGISTER
Vcc
22 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com