Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 30Page - STMicroelectronics ST52T400 Datasheet HTML 31Page - STMicroelectronics ST52T400 Datasheet HTML 32Page - STMicroelectronics ST52T400 Datasheet HTML 33Page - STMicroelectronics ST52T400 Datasheet HTML 34Page - STMicroelectronics ST52T400 Datasheet HTML 35Page - STMicroelectronics ST52T400 Datasheet HTML 36Page - STMicroelectronics ST52T400 Datasheet HTML 37Page - STMicroelectronics ST52T400 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 94 page
background image
ST52T400/T440/E440/T441
34/94
The locations 0, 1 and 2 contain the jump instruc-
tion to the first code line. This instruction is auto-
matically inserted by the Assembler tool. The
operations that can be performed on EPROM dur-
ing the Programming Phase are: Stand By, Mem-
ory Writing, Reading and Verify/Margin Mode,
Memory Lock, IDCode Writing and Verify.
The operations above are managed by using the
4-bit EPROM Control Register. The reading phase
is executed with VPP=5V±5%, while the verify/
Margin Mode phase needs VPP= 12V±5%. The
Blank Check must be a reading operation with
VPP=5V±5%.
Table 3.1 illustrates the EPROM Control Register
codes used to select the operation. Programming
of the EPROM Control Register is described
below.
3.1 EPROM Programming Phase Procedure
Programming mode
is selected by applying
12V
±5% voltage or 5V±5% voltage to the V
PP pin
and setting the RESET pin =Vss
If the VPP voltage is 5V±5% only reading may be
performed.
RST_ADD (PB0), INC_ADD (PB1), RST_CONF
(PB2), INC_CONF (PB3) and PHASE (PB7) are
the control signals applied during Programming
Mode.
The signals RST_ADD, RST_CONF and PHASE
are active on level, the others are active on rising
edge.
The signals RST_ADD and PHASE are active low,
signal on RST_CONF is active high.
Data in/out digital signals are transferred through
the pins ofPortA.
The memory may be locked by means of the
Memory Lock Status flag, that is used to enable
EPROM operations.
If Memory Lock Status flag is 1 all EPROM opera-
tions are enabled, otherwise, it is only possible to
read (and verify) the OTP code and the Memory
Lock Status flag.
Only If EPROM is not locked by means of Lock
Cell (see paragraph EPROM Locking), may
EPROM operations be enabled, changing the
Memory Lock Status flag from 0 to 1.
The signal RST_ADD (PB0) resets the memory
address register and the Memory Lock Status flag.
Therefore, when the RST_ADD becomes high,
the memory must be unlocked in order to read or
write.
The signal RST_CONF (PB2) resets the EPROM,
Figure 3.2 EPROM Programming Timing
MEMORY UNLOCK
MEMORY WRITING
LOCATION ADDRESS =1
DATA
IN
MEMORY VERIFY
MARGIN MODE
DATA
OUT
DATA
DATA
DATA
DATA
OUT
DATA
OUT
100nS
10
µS
PA(0:7)
RST_ADD
RST_CONF
INC_ADD
INC_CONF
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com