Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 21Page - STMicroelectronics ST52T400 Datasheet HTML 22Page - STMicroelectronics ST52T400 Datasheet HTML 23Page - STMicroelectronics ST52T400 Datasheet HTML 24Page - STMicroelectronics ST52T400 Datasheet HTML 25Page - STMicroelectronics ST52T400 Datasheet HTML 26Page - STMicroelectronics ST52T400 Datasheet HTML 27Page - STMicroelectronics ST52T400 Datasheet HTML 28Page - STMicroelectronics ST52T400 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
ST52T400/T440/E440/T441
25/94
2.3 Fuzzy Computation
ST FIVE’s Fuzzy main features are:
s
Up to 8 Inputs with 8-bit resolution;
s
1 Kbyte of Program/Data Memory available to
store more than 300 to Membership Functions
(Mbfs) for each Input;
s
Up to 128 Outputs with 8-bit resolution;
s
Possibility to process fuzzy rules with an
UNLIMITED number of antecedents
s
UNLIMITED number of Rules and Fuzzy Blocks.
The limits on the number of Fuzzy Rules and
fuzzy Blocks are only related to the program mem-
ory size.
2.3.1 Fuzzy Inference .
The block diagram illustrated in Figure 2.7
describes the different steps performed during a
fuzzy algorithm. The ST FIVE Core allows the
implementation of a MAMDANI type fuzzy infer-
ence with crisp consequents. Inputs for fuzzy
inference are stored in 8 dedicated Fuzzy input
registers. The instruction LDFR is used to set the
input fuzzy registers with values stored in the Reg-
ister File. The result of a fuzzy inference is stored
directly in a location of the Register File.
2.3.2 Fuzzyfication Phase.
In this phase the intersection (alpha weight)
between the input values and the related Mbfs is
performed (Figure 2.6).
8 Fuzzy input registers are available for fuzzy
inferences.
After loading the input values by using the LDFR
assembler instruction, the user can start fuzzyn-
ference by using the assembler instructionFUZZY.
During fuzzyfication: input data is transformed in
the activation level (alpha weight) of the Mbfs. i
Figure 2.6 Alpha Weight Calculation
1
Input Value
αij
j-th Mbf
i-th INPUT VARIABLE
Figure 2.7 Fuzzy Inference
11
1m
n1
nm
FUZZYFICATION
INFERENCE
PHASE
DEFUZZYFICATION
Nrules
N rules -1
2
1
Input Values
Output Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com