Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 59Page - STMicroelectronics ST52T400 Datasheet HTML 60Page - STMicroelectronics ST52T400 Datasheet HTML 61Page - STMicroelectronics ST52T400 Datasheet HTML 62Page - STMicroelectronics ST52T400 Datasheet HTML 63Page - STMicroelectronics ST52T400 Datasheet HTML 64Page - STMicroelectronics ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics ST52T400 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
ST52T400/T440/E440/T441
63/94
10 TRIAC/PWM DRIVER
ST52x400/440/441 offers a peripheral able to
generate a TROUT signal on PA0 pin (able to sup-
ply up to 25 mA), to drive an external device, like a
TRIAC, an IGBT or a Power MOS. A Triac/PWM
driver can perform 3 different working modes
according to REG_CONF10(3:2) bits, MODE (see
Table 10.3):
MODE = “00”:
PWM
MODE = “01":
Burst Mode Triac Control
(Thermal Regulations)
MODE = “1x":
Phase Angle Partialization
Triac Control (Motor Control)
The Triac/PWM Driver can be initialized by using a
value fixed by a control algorithm, and stored in
the Register File. The value is loaded in the
TRIAC_COUNT register (Output Register 9) by
using the LDPR instruction and it can be read by
using the LDRI instruction addressing the Input
Register 17.
Figure 10.1 illustrates the internal structure of the
Triac/PWM Driver.
PWM Mode
The PWM working mode
selection can
be
obtained
by
setting
REG_CONF10(3:2)
bits,
MODE, at “00" value.
In this working mode, the peripheral provides a
signal with a fixed period and a variable duty cycle
on the TROUT pin.
The PWM period can be generated starting from
the internal master clock or an external clock sig-
nal applied in MAIN1 pin.
In both cases, the clock signal is divided by a 16-
bit Prescaler, managed by REG_CONF8 and
REG_CONF9 (Figure 10.2).
At each period, the duty cycle is fixed by an 8-bit
value loaded in the TRIAC_COUNT register (Out-
put Register 9). The duty cycle is proportional to
the value: loading 50% duty cycle is obtained,
loading 0 the output will be low (off) during all the
period, loading 255 will be high (on).
By Using a 20 Mhz clock PWM frequencies in the
range between 1.2 Hz to 78.4 Mhz may be
obtained.
Figure 10.1 TRIAC/PWM Driver Block Diagram
PRESCALER
16 bit
MAIN1
TRIACOUT
PULSE
GENERATOR
Tck
REG_CONF8
REG_CONF9
16
÷2
PROGRAMMABLE
COUNTER
MCLK
8
REG_PERIPH_9
EXTCLK
50/60 Hz
PRECLK
POL
Tck
23
4
5
6
7
01
REG_CONF10
MAIN2
TRIAC/PWM DRIVER
CORE
MCLK
START
MODE
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com