Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 26Page - STMicroelectronics ST52T400 Datasheet HTML 27Page - STMicroelectronics ST52T400 Datasheet HTML 28Page - STMicroelectronics ST52T400 Datasheet HTML 29Page - STMicroelectronics ST52T400 Datasheet HTML 30Page - STMicroelectronics ST52T400 Datasheet HTML 31Page - STMicroelectronics ST52T400 Datasheet HTML 32Page - STMicroelectronics ST52T400 Datasheet HTML 33Page - STMicroelectronics ST52T400 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 94 page
background image
ST52T400/T440/E440/T441
30/94
2.4 Arithmetic Logic Unit
ST52x400/440/441 supplies 46 instructions that
perform computations and control the device.
Computational time required for each instruction
consists of one clock pulse for each Cycle plus 2
clock pulses for the decoding phase. Total compu-
tation time for each instruction is reported in Table
2.5
The ALU of the ST52x400/440/441 can perform
multiplication (MULT) and division (DIV). Multipli-
cation is performed by using 8 bit operands stor-
ing the result in 2 registers (16 bit values).
Division is performed between a 16 bit dividend
and an 8 bit divider, the result and the remainder
are stored in two 8-bit registers.
WARNING:
If the LSB of the multiplication result
is 0, the Zero flag is set although the result is not
0.
2.4.1 Addressing Modes.
ST52x400/440/441 instructions allow the following
addressing modes:
Inherent: this instruction type does not require an
operand because the opcode specifies all the
information necessary to carry out the instruction.
Examples: NOP, RET.
Immediate: these instructions have an operand as
a source immediate value. Examples: LDRC,
PGSET.
Direct: the operands of these instructions are
specified with the direct addresses. The operands
can refer, according to the opcode, to addresses
belonging to the different addressing spaces.
Example: SUB, LDRE.
Indirect: data addresses that are required are
found in the locations specified as operands. Both
source
and/or
destination
operands
can
be
addressed indirectly. The operands can refer,
(according to the opcode) to addresses belonging
to different addressing spaces. Examples: LDRE
(reg1),(reg2).
2.4.2 Instruction Types.
ST FIVE supplies the following instruction types:
s
Load Instructions
s
Arithmetic and Logic Instructions
s
Jump Instructions
s
Interrupt Management Instructions
s
Control Instructions
The instructions are listed in Table 2.5, Table 2.6
and Table 2.7.
Table 2.5 Arithmetic & Logic Instruction Set
Load Instructions
Mnemonic
Instruction
Bytes
Cycles
Z
S
C
LDCE
LDCE confx,memx
3
17
-
-
-
LDCR
LDRC confx,regx
3
14
-
-
-
LDFR
LDFR fuzzyx,regx
3
14
-
-
-
LDPE
LDPE outx,memx
3
17
-
-
-
LDPE
LDPE outx,(regx)
3
17
-
-
-
LDPR
LDPR outx,regx
3
14
-
-
-
LDRC
LDRC regx,const
3
14
-
-
-
LDRE
LDRE regx,memx
3
16
-
-
-
LDRE
LDRE (regx),(regy)
3
18
-
-
-
LDRI
LDRI regx,inpx
3
15
-
-
-
LDRR
LDRR regx, regy
3
16
-
-
-
PGSET
PGSET const
2
9
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com