Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 43Page - STMicroelectronics ST52T400 Datasheet HTML 44Page - STMicroelectronics ST52T400 Datasheet HTML 45Page - STMicroelectronics ST52T400 Datasheet HTML 46Page - STMicroelectronics ST52T400 Datasheet HTML 47Page - STMicroelectronics ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
ST52T400/T440/E440/T441
47/94
6.2 Input Mode
The input configuration is selected setting the cor-
responding
configuration
register
bit
in
REG_CONF4, REG_CONF13 and, where appli-
cable, REG_CONF11 (see Paragraph I/O Port
Configuration Registers) to “1”. To use Port A and
B pins as digital input, the corresponding bits in
REG_CONF12 and REG_CONF14 must be set
according to the values shown in Table 6.4, Table
6.5 and Table 6.6.
(*) Not used for ST52x400F/440F/441F
(*) Not used for ST52x400F/440F/441F
Digital input data is automatically stored in
the Input Registers (see Table 6.2), but the single
bit of the Input Register (IR) cannot be read
directly and the value in a RAM location must be
copied. Digital data is stored in a RAM location by
using the assembler instruction:
LDRI regx,inpy
Then, each single bit can be examined by using
AND and OR operators with a suited mask value.
6.3 Output Mode
The output pin configuration is selected by setting
the corresponding configuration register bit to “0”
(REG_CONF4, REG_CONF13 and, where appli-
cable, REG_CONF11) (see paragraph I/O Port
Configuration Registers). in order to use Port A
and B pins as digital output, the corresponding bits
in REG_CONF12 and REG_CONF14 must be set
according to the values illustrated in Tables - Port
A - REG_CONF 4, - Port A - REG_CONF 12 and
Analog Inputs REG_CONF 14.
Digital data is transferred to the related I/O Port by
means of the Output register (see Table 6.3), by
using the assembler instructions LDPE or LDPR
that respectively take the value to be transferred
to the ports from EPROM and RAM.
Figure 6.2 Port B Functional Blocks
TO A/D CONVERTER
CMOS
PORT B PIN
FROM CONFIGURATION REGISTER
TO INPUT REGISTER
FROM OUTPUT REGISTERS
FROM CONFIGURATION REGISTER
22 k
Vcc
Table 6.2 Input Register and I/O Ports
PORT A
PORT B
PORT C (*)
IR 14
IR 15
IR 16
Table 6.3 Output Register and I/O Ports
PORT A
PORT B
PORT C (*)
OR 0
OR 1
OR 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com