Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 47Page - STMicroelectronics ST52T400 Datasheet HTML 48Page - STMicroelectronics ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics ST52T400 Datasheet HTML 52Page - STMicroelectronics ST52T400 Datasheet HTML 53Page - STMicroelectronics ST52T400 Datasheet HTML 54Page - STMicroelectronics ST52T400 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
ST52T400/T440/E440/T441
51/94
cient for optimum results (recommended capaci-
tance values range is 10-1000 nF). The optimum
linearity in conversion can be obtained if the volt-
age level on the selected input channel does not
exceed a maximum of 3 V. In the second case, if
an
external
ramp
generator
is
used,
the
REG_CONF16[(1)] bit must be set to “1”.
The 16 bit Timer, directly triggered by the output of
the Analog Comparator, allows the measurement
of the conversion time that is proportional to the
analog value.
The device clock is divided by an internal 12 bit
Prescaler to generate the appropriate Timer clock
that allows the desired resolution to be obtained
with a reasonable conversion time.
When an appropriate value of the capacitor is
selected, the conversion should be complete
before the full count is reached. A timer overflow
flag is set once the Timer reaches its maximum
count value.
Generally, the maximum conversion time of the A/
D converter depends on the capacitor chosen and
the charge current. The maximum conversion time
can be calculated by using the following formula:
C is the capacitance in nF, FullScale is the maxi-
mum voltage recommended for the input signal,
which is 3 V, and ChargeCurrent is the configured
value of the current for charging the capacitor.
To obtain the desired resolution, the prescaler
value has to be set in accordance to the following
formula:
CMK indicates the Master Clock frequency and
Resolution is the number of bits that should con-
tain the converted values. Recommended values
for the resolution are in the range between 8-14
bits.
After the Capacitor is charged, it is discharged in a
number of clock cycles equivalent to (
P+1) x 410.
When the external ramp generator is used, a ris-
ingramporafallingrampmay be chosen. Inthis
case, the timer counter should be specified to be
either an up counter (REG_CONF3[(3)]=0) or a
down counter (REG_CONF3[(3)]=1).
By using a rising ramp the Analog Comparator
must be configured to trigger the signal when it
crosses the compared value from low to high
(REG_CONF3[(2)]=0); vice versa, using a falling
ramp, the polarity should be set to trigger the sig-
nal
in
crossing
from
high
to
low
(REG_CONF3[(2)]=1).
When the Capacitor is used, it generates a rising
ramp. For this reason the polarity must be config-
ured
to
trigger
the
crossing
from
low
to
high(REG_CONF3[(2)]=0).
In order to synchronize the external ramp signal
and the timer, the ACSTRT and ACSYNC pin
have to be used. The input pin ACSTRT is used to
start the timer when the external ramp is started
(ACSTRT=1). The ACSYNC output pin provides
the handshake signal, which (when ACSYNC=1)
furnishes information indicating that the timer is
ready to receive the start signal.
If the input signal is too high, the counter may
overflow. When this happens, bit 0 of the Input
Register 13 AC_STATUS (Table 2.1) is set to 1
and an interrupt is generated at the end of count.
If the counter is configured in down counting, the
bit is set when the counter goes in underflow.
7.3.1 Operating Modes.
In order to avoid the errors introduced by the A/D
components drift, a periodic conversion of the
internal reference signals can be performed in
order to calibrate the converted values. Two differ-
ent internal voltage references are available:
1) Bandgap voltage, this reference voltage can
also be used externally for analog signal condi-
tioning.
2) GNDA.
Setting the REG_CONF1[(0)] to “1” the peripheral
converts the reference signal after converting
each analog signal. In order to choose the refer-
ence, REG_CONF3[(1)] should be configured.
To ensure secure and stable measurements, sev-
eral measurements on the same channel and
mediating the obtained results are recommended.
The conversion of each single channel may be
repeated up to three times by configuring the
REG_CONF1[(7:6)].
The analog multiplexer allows the user to work in
four different modes:
– Single Channel Single Conversion
– Single Channel Multiple Conversions
– Multiple Channels Single Conversion
– Multiple Channels Multiple Conversions
Conve rs ionTime ms
()
CnF
() FullScale V
()
×
Ch
eCur re nt uA
()
arg
----------------------------------------------------------
=
P
CnF
() CKM MHz
() FullScale V
() 10
3
×
×
×
Ch
e Curr ent uA
() 2
R ESOLUTION
×
arg
---------------------------------------------------------------------------------------------------------------
1
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com