Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 37Page - STMicroelectronics ST52T400 Datasheet HTML 38Page - STMicroelectronics ST52T400 Datasheet HTML 39Page - STMicroelectronics ST52T400 Datasheet HTML 40Page - STMicroelectronics ST52T400 Datasheet HTML 41Page - STMicroelectronics ST52T400 Datasheet HTML 42Page - STMicroelectronics ST52T400 Datasheet HTML 43Page - STMicroelectronics ST52T400 Datasheet HTML 44Page - STMicroelectronics ST52T400 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 94 page
background image
ST52T400/T440/E440/T441
41/94
gram, the flags are restored and the program con-
tinues from the instruction immediately following
the interrupted instruction.
4.6 Interrupts and Low power mode
All interrupts allow the processor to leave WAIT
mode. Only an External Interrupt request allows
the processor to leave HALT mode: if the interrupt
is masked, the related interrupt routine is not ser-
viced and the program continues from the first
instruction after the HALT instruction.
4.7 Interrupt RESET
When an interrupt request is sent but the interrupt
is masked, it isn’t serviced and remains pending,
so that when the interrupt is enabled it is serviced
immediately. In order to avoid this from happen-
ing, the pending interrupt request can be reset
with the instruction RINT
j
, which resets the
interrupt
j-th where j identify the peripherals as
described in the following table (see Table 4.4).
The assembler instruction:
RINT 2
Resets the TRIAC/PWM_F interrupt.
WARNING:
If an interrupt is reset, with the RINT
instruction within its own interrupt routine, the
priority level of the interrupt becomes the lowest
and the routine can be immediately interrupted by
a lower priority interrupt request.
(*) Not Used in ST52x400 devices
Figure 4.6 Example of a sequence of Interrupt Requests
Table 4.4 RINT Instruction Code
Peripheral Name
Value
Analog Comparator (*)
0
PWM/TIMER
1
TRIAC/F
2
INT_TRIAC/R
3
INT_TRIAC/P
4
External Interrupt
5
MAIN PROGRAM
5
4
3
2
1
0
INT2
INT0
INT2
INT1
INT2
INT3
INT4
MAIN PROGRAM
PRIORITY
LEVEL
INT2
INT0
INT4
INT1
INT3
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com