Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 17Page - STMicroelectronics ST52T400 Datasheet HTML 18Page - STMicroelectronics ST52T400 Datasheet HTML 19Page - STMicroelectronics ST52T400 Datasheet HTML 20Page - STMicroelectronics ST52T400 Datasheet HTML 21Page - STMicroelectronics ST52T400 Datasheet HTML 22Page - STMicroelectronics ST52T400 Datasheet HTML 23Page - STMicroelectronics ST52T400 Datasheet HTML 24Page - STMicroelectronics ST52T400 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
ST52T400/T440/E440/T441
21/94
The 13-bit length allows the direct addressing of
8192 bytes in the program space: jump and call
instruction support the absolute addressing in all
the memory.
After having read the current instruction address,
the PC value is incremented. The result of this
operation is shifted back into the PC.
The PC can be changed in the following ways:
s
JP (Jump) instruction PC = Jump Address
s
Interrupt
PC = Interrupt Vector
s
RETI instruction
PC = Pop (stack)
s
Reset
PC = Reset Vector
s
Normal Instruction
PC = PC + 1
2.1.2 Flags.
The ST52x400/440/441 core includes different
sets of flags that correspond to 2 different modes:
normal mode and interrupt mode. Each set of
flags consist of a CARRY flag (C), ZERO flag (Z)
and SIGN flag (S). One set of flags (CN, ZN, SN)
is used during normal operation and one is used
during interrupt mode (CI, ZI, SI). Formally, the
user has to manage only one set of flags: C, Z and
S.
The ST52x400/440/441 core uses the flags that
correspond to the actual mode: as soon as an
interrupt is generated, the ST FIVE core uses the
interrupt flags instead of the normal flags.
Each interrupt level has its own set of flags, which
is saved in the Flag Stack during interrupt servic-
ing.
These flags are restored from the Flag Stack auto-
matically when a RETI instruction is executed.
If the ICU was in the normal mode before an inter-
rupt, after the RETI instruction is executed, the
normal flags are restored.
Note:
A CALL subroutine is a normal mode exe-
cution. For this reason a RET instruction, conse-
quent to a CALL instruction, doesn’t affect the
normal mode set of flags.
Flags are not cleared during context switching and
remain in the state they were located in at the end
of the last interrupt routine switching.
The Carry flag is set when an overflow occurs dur-
ing arithmetic operations, otherwise it is cleared.
The Sign flag is set when an underflow occurs
during
arithmetic
operations, otherwise
it
is
cleared.
2.2 Address Spaces
ST52x400/440/441 has four separate address
spaces:
s
RAM: 128 or 256 Bytes
s
20 Input Registers
s
6 Output Registers
s
21 Configuration Registers
s
Program memory: up to 8K Bytes
The Program Memory will be described in further
details in the EPROM section
Figure 2.4 Address Spaces Description
CU
DPU
ALU
PERIPHERAL
BLOCK
DATA RAM
INPUT REGISTERS
NON VOLATILE MEMORY
PROGRAM MEMORY
ST FIVE CORE
ONCHIP PERIPHERALS
OUTPUT
REGISTER
CONFIGURATION
REGISTERS
PERIPHERAL
BLOCK
PERIPHERAL
BLOCK
LDRE
LDRI
LDCE
LDCR
DP
REGISTERS
LDFR
LDPE
LDPR
PROGRAM
COUNTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com