Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 49Page - STMicroelectronics ST52T400 Datasheet HTML 50Page - STMicroelectronics ST52T400 Datasheet HTML 51Page - STMicroelectronics ST52T400 Datasheet HTML 52Page - STMicroelectronics ST52T400 Datasheet HTML 53Page - STMicroelectronics ST52T400 Datasheet HTML 54Page - STMicroelectronics ST52T400 Datasheet HTML 55Page - STMicroelectronics ST52T400 Datasheet HTML 56Page - STMicroelectronics ST52T400 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 94 page
background image
ST52T400/T440/E440/T441
53/94
Figure 7.2 Configuration Register 1
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF 1
Analog Comparator
REFM: Referenceconversion on/off
CONV: Single/Continuous Conversionmode
SEQ: Single/Multiple Channel mode
CHAN: Active Channel(s) Number
NBCV: Number of Conversion
Figure 7.3 Configuration Register 3
Figure 7.4 Configuration Register 15
Figure 7.5 Configuration Register 16
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF 3
Analog Comparator
MODE: Working mode
REFV:Referencevoltage
POL: Crossing polarity
UPDW: Up/Down Counter
INT: Interrupttype
CUR: Charge Current
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF 15
Analog Comparator
PRES(7:0): Timer Prescaler (7:0)
D7 D6 D5 D4 D3 D2 D1 D0
REG_CONF 16
Analog Comparator
STRT: Converter Start/Stop
PRES(11:8): Timer Prescaler (11:8)
ADMOD: Capacitor/external ramp mode
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com