Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 38Page - STMicroelectronics ST52T400 Datasheet HTML 39Page - STMicroelectronics ST52T400 Datasheet HTML 40Page - STMicroelectronics ST52T400 Datasheet HTML 41Page - STMicroelectronics ST52T400 Datasheet HTML 42Page - STMicroelectronics ST52T400 Datasheet HTML 43Page - STMicroelectronics ST52T400 Datasheet HTML 44Page - STMicroelectronics ST52T400 Datasheet HTML 45Page - STMicroelectronics ST52T400 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
ST52T400/T440/E440/T441
42/94
5 CLOCK, RESET & POWER SAVING MODE
5.1 Clock System
The ST52x400/440/441 Clock Generator module
generates the internal clock for the internal Con-
trol Unit, ALU and on-chip peripherals and is
designed to require a minimum of external compo-
nents.
The ST52x400/440/441 oscillator circuit gener-
ates an internal clock signal with the same period
and phase as at the OSCin input pin. The maxi-
mum frequency allowed is 20 MHz.
The system clock may be generated by using
either a quartz crystal, ceramic resonator (CER-
ALOC), or an external clock.
The different clock generator options connection
methods are illustrated in Oscillator Connec-
tions.When an external clock is used, it must be
connected to the pin OSCin while OSCout should
be left floating.
The crystal oscillator start-up time is a function of
many variables: crystal parameters (especially
Rs), oscillator load capacitance (CL), IC parame-
ters, environment temperature, supply voltage.
It must be observed that the crystal or ceramic
lead and circuit connections must be as short as
possible. Typical values for CL1, CL2 are 10pF for
a20MHz crystal.
Figure 5.1 Oscillator Connections
OSCin
OSCout
ST52X440
OSCin
ST52X440
OSCout
CRYSTAL CLOCK
EXTERNAL CLOCK
Cl1
10pF
Cl2
10pF
CLOCK
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com