Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 19Page - STMicroelectronics ST52T400 Datasheet HTML 20Page - STMicroelectronics ST52T400 Datasheet HTML 21Page - STMicroelectronics ST52T400 Datasheet HTML 22Page - STMicroelectronics ST52T400 Datasheet HTML 23Page - STMicroelectronics ST52T400 Datasheet HTML 24Page - STMicroelectronics ST52T400 Datasheet HTML 25Page - STMicroelectronics ST52T400 Datasheet HTML 26Page - STMicroelectronics ST52T400 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
ST52T400/T440/E440/T441
23/94
2.2.3 Configuration Registers.
The ST52x400/440/441 Configuration Registers
allow the configuration of all the blocks of the ICU.
Table 2.2 describes the functions and the related
peripherals of the 21 Configuration Registers
available: in order to simplify the concept a mne-
monic name is assigned to each Configuration
Register. The same name is used in VISUAL
FIVETM development tools. By using the load
instructions the Configuration Registers may be
set by using values stored in the Program Memory
(EPROM) or in the RAM.
The assembler instruction
LDCE conf,mem loads
the Configuration Register
conf with the contents
of memory location
mem, inside the currently set
memory page.
The assembler instructions
LDCR conf,reg loads
the Configuration Register
conf with the contents
of the register (RAM location)
reg.
Use and meaning of each register will be
described in further details in the corresponding
section.
2.2.4 Output Registers.
The Output Registers (OR) consist of 6 registers
containing data for the ICU peripherals including I/
OPorts.
All registers can be specified by using a decimal
address, e.g. 1 identifies the second OR.
By using the LOAD type instructions the Output
Registers (OR) may be set with values stored in
the Program Memory (LDPE) or in the RAM
(LDPR).
The assembler instruction
LDPE out,mem loads
the Output Register
out with the contents of mem-
ory location
mem, inside the currently set memory
page. The assembler instruction
LDPR out,reg
loads the Output Register out with the contents of
register (RAM location)
reg.
Table 2.3 describes the OR: in order to simplify the
concept a mnemonic name is assigned to each of
the Output Registers. The same name is used in
VISUAL FIVETM development tools. Use and
meaning of each register will be described in fur-
ther details in the corresponding section.
Table 2.1 Input Registers
IR MNEMONIC NAME
PERIPHERAL REGISTER
ADDRESS
STACK_POINTER
STACK POINTER
0
AC_CHAN0H(*)
Analog Comparator CHANNEL 0 High Byte
1
AC_CHAN0L(*)
Analog Comparator CHANNEL 0 Low Byte
2
AC_CHAN1H(*)
Analog Comparator CHANNEL 1 High Byte
3
AC_CHAN1L(*)
Analog Comparator CHANNEL 1 Low Byte
4
AC_CHAN2H(*)
Analog Comparator CHANNEL 2 High Byte
5
AC_CHAN2L(*)
Analog Comparator CHANNEL 2 Low Byte
6
AC_CHAN3H(*)
Analog Comparator CHANNEL 3 High Byte
7
AC_CHAN3L(*)
Analog Comparator CHANNEL 3 Low Byte
8
AC_CHAN4H (*)(**)
Analog Comparator CHANNEL 4 High Byte
9
AC_CHAN4L (*)(**)
Analog Comparator CHANNEL 4 Low Byte
10
AC_CHAN5H (*)(**)
Analog Comparator CHANNEL 5 High Byte
11
AC_CHAN5L (*)(**)
Analog Comparator CHANNEL 5 Low Byte
12
AC_STATUS(*)
Analog Comparator Status Register
13
PORT_A
PORT A INPUT REGISTER
14
PORT_B
PORT B INPUT REGISTER
15
PORT_C (**)
PORT C INPUT REGISTER
16
TRIAC_COUNT
TRIAC DRIVER COUNTER Value
17
PWM_COUNT
PWM/TIMER COUNTER Value
18
PWM_STATUS
TIMER STATUS REGISTER
19
(*) Not used on ST52x400xx versions
(**) Not used on ST52x400F/440F441F versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com