Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 43 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 39Page - STMicroelectronics ST52T400 Datasheet HTML 40Page - STMicroelectronics ST52T400 Datasheet HTML 41Page - STMicroelectronics ST52T400 Datasheet HTML 42Page - STMicroelectronics ST52T400 Datasheet HTML 43Page - STMicroelectronics ST52T400 Datasheet HTML 44Page - STMicroelectronics ST52T400 Datasheet HTML 45Page - STMicroelectronics ST52T400 Datasheet HTML 46Page - STMicroelectronics ST52T400 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
ST52T400/T440/E440/T441
43/94
5.2 Reset
There are four sources of Reset:
- RESET pin (external source)
- WATCHDOG (internal source)
- POWER ON Reset (Internal source)
- BROWN OUT Reset (Internal source)
When a Reset event happens, all the registers are
set to the reset value and the user program
restarts from the beginning.
5.2.1 External Reset.
The Reset pin is an input pin. An internal reset
does not affect this pin.
A Reset signal originated by external sources is
recognized istantaneously. The RESET pin may
be used to ensure Vdd has risen to a point where
the MCU can operate correctly before the user
program is run. In working mode the Reset must
be set to ‘1’ (see Table 1.1)
5.2.2 Reset Operation.
The duration of a RESET condition is fixed at
1.000.000 internal CPU clock cycles (or 4096 in
case of BOD).
Following a Power-On Reset event, or after exit-
ing Halt Mode, a 1.000.000 CPU clock cycle delay
period is initiated in order to allow the oscillator to
stabilize and to ensure that recovery has taken
place from the Reset state.
A Pull up resistor of 100 K
Ω guarantees that
RESET pin is at level “1” when no HALT or
Power-On events occurred.
If an external resistor is connected to the RESET
pin a minimum value of 10K
Ω must be used.
After a RESET procedure is completed, the core
reads the instruction stored in the first 3 bytes of
the EPROM, which contains a JUMP instruction to
the EPROM address containing the first instruc-
tion of the user program. The Assembler tool auto-
matically generates this Jump instruction with the
first instruction address.
5.2.3 Power-on Reset (POR).
A Power-On Reset is generated by an on-chip
detection circuit. This circuit ensures that the
device is not started until Vdd has reached the
nominal level of 2.3V and allows the clock oscilla-
tor to stabilize.
Once 2.3V are reached, the Power-On circuit gen-
erates an internal RST signal that releases the
internal reset to the CPU and invokes a delay
counter of 1.000.000 CPU clock cycles, during
which the device is kept in RESET after Vdd has
risen.
A correct operation of Power-on detector is guar-
anteed if the slew rate of Vdd is 0.05 V/ms.
Note:
The power supply must fall below 0 V for
the internal POR circuit to detect the next rise of
Vdd.
At power on the POR is enabled by default.
POR is designed exclusively to cope with power-
up conditions and should not be used to detect a
drop in the power supply voltage, for which the
Brown-out Detector can be used instead.
Figure 5.2 Reset Block Diagram
POWER-ON
RESET
Vdd
Vdd
RESET
COUNTER x
1.000.000
BROWN-
OUT
Vdd
COUNTER x
4096
WATCHDOG
INTERNALRESET
WATCHDOG RESET
BROWN-OUT RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com