Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST52T400 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST52T400
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST52T400 Datasheet HTML 61Page - STMicroelectronics ST52T400 Datasheet HTML 62Page - STMicroelectronics ST52T400 Datasheet HTML 63Page - STMicroelectronics ST52T400 Datasheet HTML 64Page - STMicroelectronics ST52T400 Datasheet HTML 65Page - STMicroelectronics ST52T400 Datasheet HTML 66Page - STMicroelectronics ST52T400 Datasheet HTML 67Page - STMicroelectronics ST52T400 Datasheet HTML 68Page - STMicroelectronics ST52T400 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 94 page
background image
ST52T400/T440/E440/T441
65/94
10.2 PWM Mode Settings
By using the 16-bit Prescaler (REG_CONF8 and
REG_CONF9), the PWM period can be generated
by dividing the internal master clock, an external
clock signal applied to pin MAIN1, or the mains
voltage frequency, using the circuit of Figure
10.10.
NOTE:
The external clock signal applied on
MAIN1 pin must have a frequency that is at least
two times smaller than the internal master clock.
The clock source can be selected by using
REG_CONF10(4) bit, CKSL (Table 10.3).
The period T of the PWM signal
Tb (see Figure
10.4) can be calculated with the following formula:
T= 255*Tck
where
Tck is the period of the signal in output of
the 16-bit prescaler, according to the value stored
in REG_CONF8 and REG_CONF9 pair (Figure
10.2).
By using a 20 MHz clock master a PWM fre-
quency in the range 1.2 Hz to 78.4KHz may be
obtained (Table 10.1).
The value
Ton depends on the value set by the
user in the TRIAC_COUNT Register (Output Reg-
ister 9) by using the LDPR instruction. Ton and the
corresponding duty cycle can be calculated from
the following formulas:
Ton=TRIAC_COUNT * Tck
Duty=TRIAC_COUNT / 255
The TRIAC_COUNT value can be changed on fly
but it is updated only at the end of the signal
period. If TRIAC_COUNT value is 255 then Toff is
zero and TROUT signal is always equal to one
during the period T.
According to REG_CONF10(0) configuration reg-
ister bit, POL, the firing pulses polarity must be
set.
IN PWM mode, it is possible to generate a pro-
grammable Interrupt in four different ways:
1) No Interrupt;
2) Interrupt on rising edge of the signal Tb
(INT_R).
3) Interrupt on falling edge of the signal Tb
(INT_F)
4) Interrupt on both edges of the signal Tb.
The Interrupt sources described above are always
active;
they
can
be
masked
through
REG_CONF0(5:3) bits, INTSL (see Table 4.1).
NOTE:
If the Interrupt on the rising edge (INT_R)
is not masked through REG_CONF0(4), the first
Interrupt after the start occurs with a delay of a
time period T. If TRIAC_COUNT is 255 or 0, the
first interrupt after the start (either INT_R and
INT_F) occurs at time T. In any case for
TRIAC_COUNT equal to 255 or 0, INT_R and
INT_F coincide and occur at each control period T.
Table 10.1 PWM Frequencies
MCLK
Frequencies
1/T
min
max
5 MHz
1.2 Hz
19.6 KHz
10 MHz
0.6 Hz
39.2 KHz
20 MHz
0.3 Hz
78.4 KHz
Figure 10.3 PWM Working Mode
T = 255 * Tck
Ton = INIT_VALUE* Tck
Toff
TRIACOUT
Tb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com