Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics STLC5432 Datasheet HTML 11Page - STMicroelectronics STLC5432 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
INTRODUCTION
This single chip CMOS Device interfaces the
physical multiplex of the application to the physi-
cal CEPT transmission link at 2048kb/s.
STLC5432 contains analog and digital functions
to implement line interface function and frame
synchronization. It meets pulse shape and jitter
specifications in accordance with CCITT Recom-
mendations and CEPT standards.
FUNCTIONAL DESCRIPTION
1. LINE INTERFACE
1.1 Receiver
The receive input signal should be derived via a
transformer of the same type used for the trans-
mit direction. The suggested transformer is the
VAC L4097-X004 or equivalent for the 75 ohms
case and the VAC 4097-X012 or equivalent for
the 120 ohms case. The electrical models of the
transformers are summarized in the following ta-
ble :
Loads
(
Ω)
n
Ls
(
µH)
Ck
(pF)
Lh
(mH)
Rcul
(
Ω)
Rculll
(
Ω)
75
1.57:1:1
≤0.3
≤15
≥2
0.11
0.23
120
2:1:1
≤0.2
≤15
≥2
0.10
0.20
with:
n:
Winding ratioes
Ls:
Leakage inductance
Ck:
Inter winding capacitance
Lh:
Principal inductance of
windings
RcuI and RcuIII :
DC resistances of
winding I and III.
Wiring between the transformer and the circuit
should respect the application schematic given in
annex. (see fig 4).
The internal fixed threshold is set to 200 mV over
the common mode voltage VCM (VCM = 2.375 V
nominal) to insure the specified transmission
range with a good noise immunity.
Two options are provided for special applications
requiring improved transmission ranges:
AUTO-ADAPTATIVE THRESHOLD:
Using the configuration register CR4 (AVT), a
peak amplitude detector circuit is connected to
the received signal and after digital processing,
an adaptative threshold value equal to 3/8 of
the peak value is obtained at the output of a D
to A converter and used for data detection.
AUTOMATIC EQUALIZER: connecting two ex-
ternal capacitors of 100pF in series between the
transformer and the circuits inputs, and using the
configuration register CR4 (EQV), the circuit will
select automatically a pre-compensation filter for
long line configuration (see application sche-
matic on figure 3 and 4 given in annex).
64KHz
CLOCK
1
BIN/HDB3
ENCODER
BXDI
BXDO
RD RX
D93TL045B
SELEX
1
LP2
1
SIG
1
TM
CRC4
1
LP4
DOUT
1
RDS
2n-1
GENERATOR
1
TSO
TS
GENERATOR
1
SIG
SGV
DIN
ADAPTOR: WHEN
DATA IN CLOCK IS AT
64KHz, DATA OUT
CLOCK AT 2048KHz
BXDI
D
Figure 2: Transmitter Diagram
STLC5432
8/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com