Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 2 Page - STMicroelectronics

  STLC5432 Datasheet HTML 1Page - STMicroelectronics STLC5432 Datasheet HTML 2Page - STMicroelectronics STLC5432 Datasheet HTML 3Page - STMicroelectronics STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
PIN DESCRIPTION
Name
Pin
Type
Function
VCCD1
VCCD2
VCCA
18
17
34
I
I
I
Positive power supply inputs for the digital (VCCD1) and analog (VCCA) sections and for
microprocessor interface signals (VCCD2). They must be +5 Volts and must be directly
connected together.
GNDD
GNDA
1
44
I
I
Negative power supply pins which must be connected together close to the device. All
digital and analog signals are referred to these pins, which are normally at the system
ground.
LI1
LI2
40
42
I
I
Receive HDB3 signal differential inputs from the line transformer.
VT
41
O
Positive power supply output for fixing reference voltage to the receive transformer.
Typical value is 2.375V
L01
L02
36
37
O
O
Transmit HDB3 signal differential outputs to the line transformer.When used with an
appropriate transformer, the line signal conforms to the output specifications in CCITT
with a nominal pulse amplitude of 3 volts for a 120
Ω load on line side.
XTAL1
15
I
The master clock input which requires either a parallel resonance crystal to be tied
between this pin and XTAL2, or a clock input from a stable source. This clock does
not need to be synchronized to the system clock.
Crystal specifications = 32764 kHz
± 50 ppm parallel resonant; RS ≤ 20Ω loaded with
33pF to GND each side.
XTAL2
16
O
The output of the crystal oscillator, which should be connected to one end of the
crystal if used.
HCR
19
O
High clock received, bit clock. When the device has recovered the clock from the
HDB3 signal, HCR signal is synchronized to the remote circuit. The HCR frequency is
either 8192kHz if 8MCR bit of CR1 Register is put to 1 or 4096 kHz if 8MCR is set to
0.
LCR
20
O
Low clock received, frame clock. When the device has recovered the clock from the
HDB3 signal, LCR signal is synchronized to the remote entity.
The LCR frequency is 8 kHz if 8KCR bit is set to 1, or 4 kHz if 8KCR bit is set to 0.
When the remote clock is not recovered, HCR and LCR frequency are synchronized
to master clock (16384 kHz).
HCR and LCR can be used by the system in Terminal Mode.These two clocks can be
used by the transmit function of the device.
BRDO
RCLO
12
14
O
O
Binary Receive Data Output, 2048 kbit/s or 64kbit/s.
Receive Clock output, 2048 kHz or 64kHz.
After decoding, Binary Data and clock associated are provided for different
applications.
BRDI
RCLI
10
9
I
I
Binary Receive Data Input. 2048 kbit/s.
Receive Clock Input 2048 kHz.
BXDO
22
O
Binary Transmit Data Output, 2048 kbit/s or output clock at 64kHz.
Before encoding Binary Data is provided to different applications (Optical Interface for
instance). Local clock is associated to this data.
BXDI
33
I
This binary signal can replace BXD internal signal to be encoded if SELEX bit (CR1
Register) is set to 1.
DOUT
11
O
Data Output. 30 B+D primary access data received from the line.Data can be shifted
out from the tristate output DOUT at the LCLK frequency on the rising edges during
all the time slots,except Time Slot Zero in accordance with TSOE bit (CR1Register).
NB : If parallel micro-interface is selected, DOUT is at high impedance after Reset.
DOUT is at low impedance after writing CR4 register.
DIN
3
I
Data Input : 30B+D primary access data to transmit to the line.Data can be shifted in
at the LCLK frequency on the falling edges during all the time slots, except Time Slot
Zero, in accordance with TSOE bit (CR1 Register).
STLC5432
2/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com