Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 16Page - STMicroelectronics STLC5432 Datasheet HTML 17Page - STMicroelectronics STLC5432 Datasheet HTML 18Page - STMicroelectronics STLC5432 Datasheet HTML 19Page - STMicroelectronics STLC5432 Datasheet HTML 20Page - STMicroelectronics STLC5432 Datasheet HTML 21Page - STMicroelectronics STLC5432 Datasheet HTML 22Page - STMicroelectronics STLC5432 Datasheet HTML 23Page - STMicroelectronics STLC5432 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
9.24 CR2: Configuration Register 2
70
1
DOHZ RDS1 RDS0 POL
NR
NX
TM
After Reset = 80H
TM
Transparent Mode.
For the transmitter, when this bit is at 1, the
bit stream received on DIN pin is introduced
directly into the Binary HDB3 encoder.
In this case, FSX (Frame Synchronization
Signal) from the pin is not used by the
transmitterand Time Slot 0 is not known by the
transmitter. The logical result is the same if the
bit stream is introduced onto BXDI pin at
2048 kb/s.
For the receiver, when TM is at ”1”, every
bit received from HDB3-BIN decoder is
connected onto DOUT through the Elastic
Memory. The synchronization is researched
and indicated by the different alarm registers
but DOUT pin delivers the received bit
stream without taking into account the result
of the synchronization.
BRDO and RCLO pins provide the bit stream
received from the decoder.
NX
PRBS Type to be transmitted.
When the generator of Pseudo Random
Binary Sequency is validated (SGV =1):
if NX = 0, the length of sequence is 2*15-1
bits
if NX = 1, the length of sequence is 2*11-1
bits.
NR
PRBS type received.
When the Analyzer of Pseudo Random
Binary Sequence is validated (SAV = 1):
If NR = 0, the length of sequence received
is 2*15-1 bits (O.151)
If NR = 1, the length of sequence received
is 2*11-1 bits (O.152)
POL
Fault Counter Register Polling.
POL = 1
FCR1 and FCR2 registers or ECR1
andECR2 registers or PCR1 and
PCR2 registers are read by the
microprocessor (Polling Mode).
First FCR1, or ECR1, or PRC1, is
read then FCR2, or ECR2, or PRC2,
mandatory. The contents of a pair of
registers indicate the number of faults
occured from the last reading of this
pair of register.
POL = 0
The two pairs of registers indicate
the number of faults occured during
the second which is passed just
before InterruptSC.
9.23 CR1: Configuration Register 1
70
1
MERA LTM 8KCR MCR1 MCR0 SELEX SELER
After Reset = 84H
SELER Selection of an external signal side
receiver.
When SELER=1, the internal binary data
signal and its clock associated are replaced
by the external binary data signal and its
clock associated (respectively BRDI and
RCLI).
SELEX Selection of an external signal side
transmitter.
When SELEX = 1, the internal
binary data signal is replaced by the
external data signal BXDI.
MCR0/1 HCR Frequency
HCR pin delivers a square wave
MCR1
MCR0
HCR Frequency in kHz
0
0
2048
0
1
4096
1
0
8192
11
8KCR 8kHz Clock Received
8KCR = 1
LCR pin delivers a square wave at
8kHz (Low clock received)
8KCR0 = 0
LCR pindelivers asquarewaveat 4kHz
LTM
Line Termination Mode
When LTM is at ”1”, the jitter filter is not
validated. HCR and LCR pins deliver
signals at a submultiple frequency of the
frequency applied to XTAL1 pin.
HCR frequency is in accordance with
MCR0/1 and LCR frequencyis in accordance
with 8KCR.
When LTM is at ”0”, jitter filter is validated
andMCR and LCR pins deliver cloks issued
from DPLL in accordance with MCR0/1
and 8KCR.
MERA Mask Error rate
MERA = 0
WER bit (Error Rate over threshold)
is taken into account to transmit A
bit and to force to 1 the DOUTpin.
MERA = 1
WER bit is ignored by A bit trans-
mission and DOUT pin.
STLC5432
20/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com