Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics STLC5432 Datasheet HTML 11Page - STMicroelectronics STLC5432 Datasheet HTML 12Page - STMicroelectronics STLC5432 Datasheet HTML 13Page - STMicroelectronics STLC5432 Datasheet HTML 14Page - STMicroelectronics STLC5432 Datasheet HTML 15Page - STMicroelectronics STLC5432 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
R/W = 0. Message to write a register, addressed
by the bits A0/5.
The bit 7 of following byte is 1 and the seven
D 0/6 bits are data to load into register.
To transfer one message, 250
µs are necessary.
Between two messages, the bits are 1 during
TS0. See fig.7 for details.
6.2.1 Reading of a register
The remote entity connected to the DIN and
DOUT multiplexes can request reading of a regis-
ter if it transmits, during TSO, on DIN the address
bit A0/5, the R/W bit at 1 and the last bit at 0. The
following word, ending with 1, is not taken into ac-
count by the device. The device returns two
words during TSO of DOUT :
–The first word begins with 0, R/W bit is put to
1, the address bits of the register are trans-
mitted.
–The second word begins with 1, then seven
data bits of the register are transmitted.
6.2.2 Writing of a register
The remote entity connected to the DIN and
DOUT multiplexes can request writing, then it
transmits the first bit at 0, the second bit at 0 and
the register address A 0/5 during TSO of DIN.
The following word begins with 1 and seven next
bits are Data to load into register. There is no ac-
knowledge after writing. The writing messages
can be transmitted consecutively.
6.3 Stand Alone Mode
Whatever the received frequency on LCLK pin
(2.048kHz or 4.096kHz), the device automatically
fits and always works at 2.048kHz. When SA pin
is at 1, the multiframe research is automatically
launched after each lost of frame and the device
provides the following alarms on DOUT during the
Time Slot 0:
7
F/S
SKIP
AR
MFNR LOF
B
AIS
LOS
LOS
Loss of signal
AIS
Alarm Indication Signal
B
If LOF = 1, then B = 915
If LOF = 0, then B = WER
LOF
Loss of Frame
MFNR
Multi Frame Not Recovered
AR
A Bit Received
SKIP
Jump
F/S
Fast/Slow.
Bits definitions are the same than bits definitions of
ALR, CAR1 and CAR2 Registers. These bits repre-
sent the current state of the line; DIN is ignored dur-
ing Time Slot Zero.
7 RESET
During Hardware Reset (Pin : SA/RESET) :
– All the programmable registers are configurated
with the default value.
– Interrupts are not generated (INT PIN is high
impedance).
– The research of Multiframe is always active.
At Software Reset (addressing the Reset register):
– The registers are configurated with the default
value only.
After Reset :
– The registers may be configurated with any
value.
8 INTERRUPT
All the bits of Alarm Registers generate an inter-
rupt if they are not masked, except SLC (CAR2).
An alarm generates an interrupt if the mask bit
associated is 0. If a temporary event is detected
from the line. ALR Alarm Register, CAR1 and
CAR2 Complementary Alarm Registers can be
read after interrupt or by polling.
In this last case, these Alarm Registers can be
considered like particular status registers.
If a temporary event is detected from the line,
then the appropriate bit is put to one. After read-
ing by the microprocessor, this bit is put to zero
until new event.
If a permanent state occurs, then the appropriate
bit is put to one. After reading by the microproces-
sor, this bit remains at one until disappearance of
the cause.
8.1 Parallel Interface Mode
ALR Alarm Register, CAR1 and CAR2 Comple-
mentary Alarm Registers can be read after inter-
rupt or by polling.
In this last case, these Alarm Registers can be
considered like particular status registers.
INT pin is put to 0 volt. The microprocessor reads
Alarm Register.
For example, after reading the ALR and CAR1
registers the microprocessor could act as follows:
– If SC bit (clock 1 second) is 1, then the micro-
processor reads fault counter registers.
– If EXT1 bit (EXTENSION 1) is 1, then the mi-
croprocessor reads Complementary Alarm
Register 1.
– If TSOR (or Sa6R) bit of CAR1 is 1, the mi-
croprocessor reads TSORR (or Sa6RR) Reg-
ister
STLC5432
12/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com