Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC5432 Datasheet HTML 1Page - STMicroelectronics STLC5432 Datasheet HTML 2Page - STMicroelectronics STLC5432 Datasheet HTML 3Page - STMicroelectronics STLC5432 Datasheet HTML 4Page - STMicroelectronics STLC5432 Datasheet HTML 5Page - STMicroelectronics STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
STLC5432
2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PRELIMINARY DATA
ONE CHIP SOLUTION FROM PCM BUS TO
TRANSFORMER (CEPT STANDARD)
ISDN
PRIMARY
ACCESS
CONTROLLER
(COMPATIBLE WITH ETSI, OPTION 1 AND 2)
HDB3/BIN ENCODER AND DECODER ON
CHIP
MULTIFRAME STRUCTURE HANDLING
BUILT IN CRC4
EASY LINK TO ST5451/MK50H25/MK5027
LINK CONTROLLERS.
DATA RATE: 2048, 4096 AND 8192 Kb/s FOR
MULTIPLEXED APPLICATIONS
FOUR LOOPBACK MODES FOR TESTING
PSEUDO RANDOM SEQUENCE GENER-
ATOR AND ANALYZER FOR ON-LINE, OFF-
LINE AND AUTOTEST
CLOCK RECOVERY CIRCUITRY ON CHIP
64 BYTE ELASTIC MEMORY FOR TIME
COMPENSATION AND AUTOMATIC FRAME
AND SUPERFRAME ALIGNMENT
32 ON CHIP REGISTERS FOR CONFIGURA-
TIONS, TESTING, ALARMS, FAULT AND ER-
ROR RATE CONTROL.
AUTO ADAPTATIVE DETECTION THRESH-
OLD
AUTOMATIC EQUALIZER OPTION
5V POWER SUPPLY
AMI OR HDB3 CODE SELECTION
PARALLEL OR SERIAL MICROPROCESSOR
INTERFACE OPTION
BOTH
µp AND STAND ALONE MODE AVAIL-
ABLE
DESCRIPTION
STLC5432, CMOS device, interfaces the multi-
plex system to the physical CEPT Transmission
link at 2048Kb/s. Furthermore, thanks to its flexi-
bility, it is the optimum solution also for the ISDN
application as PRIMARY RATE CONTROLLER.
The receive circuit performances exceed CCITT
recommendation and the line driver outputs meet
the G.703 specifications.
STLC5432 is the real single chip solution that al-
lows the best system flexibility and easy design.
STLC5432 can work either in 2048 or 4096 or
8192 Kbit/s systems programming the CR4 regis-
ter (when parallel micro interface selected).
July 1996
TQFP44 (10 x 10)
ORDERING NUMBER: STLC5432Q
39
40
41
43
44
42
1
2
3
4
6
5
7
8
9
10
11
33
32
31
30
28
29
27
26
25
24
23
34
35
36
38 37
17
16
15
13
12
14
22
21
20
18 19
GNDD
SA/RESET
DIN
A/D0
A/D2
A/D1
A/D3
INT
RCLI
BRDI
DOUT
BXDI
AL0
AL1
A/D7
A/D5
A/D6
A/D4
R/W/WR
LFSX
LFSR
LCLK
D93TL043D
PIN CONNECTION (Top view)
1/46


Similar Part No. - STLC5432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC5411 STMICROELECTRONICS-STLC5411 Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411FN STMICROELECTRONICS-STLC5411FN Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5411P STMICROELECTRONICS-STLC5411P Datasheet
739Kb / 72P
2B1Q U INTERFACE DEVICE
Nov-1996
STLC5412 STMICROELECTRONICS-STLC5412 Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
STLC5412FN STMICROELECTRONICS-STLC5412FN Datasheet
655Kb / 74P
2B1Q U INTERFACE DEVICE ENHANCED WITH DECT MODE
Feb-1999
More results

Similar Description - STLC5432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4990 STMICROELECTRONICS-L4990 Datasheet
322Kb / 24P
PRIMARY CONTROLLER
Jul-1999
logo
Dallas Semiconductor
DS2181A DALLAS-DS2181A Datasheet
376Kb / 32P
CEPT Primary Rate Transceiver
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
Primary PWM Controller
Jun-2004
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
logo
Allied Components Inter...
AHSC-1608S ALLIED-AHSC-1608S Datasheet
289Kb / 1P
T1/E1/CEPT/ISDN - Primary Transformer
AHSC-4009I ALLIED-AHSC-4009I Datasheet
316Kb / 1P
T1/CEPT/ISDN - Primary Transformer
AHTA-1622I ALLIED-AHTA-1622I Datasheet
236Kb / 1P
T1/CEPT/ISDN - Primary Transformer
AHTA-2009I ALLIED-AHTA-2009I Datasheet
256Kb / 1P
T1/CEPT/ISDN - Primary Transformer
ATE-1637 ALLIED-ATE-1637 Datasheet
742Kb / 1P
T1/CEPT/ISDN Primary Filter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com