Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC5432 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC5432
Description  2Mbit CEPT & PRIMARY RATE CONTROLLER DEVICE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5432 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC5432 Datasheet HTML 6Page - STMicroelectronics STLC5432 Datasheet HTML 7Page - STMicroelectronics STLC5432 Datasheet HTML 8Page - STMicroelectronics STLC5432 Datasheet HTML 9Page - STMicroelectronics STLC5432 Datasheet HTML 10Page - STMicroelectronics STLC5432 Datasheet HTML 11Page - STMicroelectronics STLC5432 Datasheet HTML 12Page - STMicroelectronics STLC5432 Datasheet HTML 13Page - STMicroelectronics STLC5432 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
XCLK (respectively Transmit Data and its clock
associated). Frame and multiframe generated by
the transmitter of the circuit are processed by the
receiver of the circuit, without encoding and de-
coding.
4.4 LOOPBACK 4
LP4 Command replaces Data in with Data out
near of DIN and DOUT pins (See LP4R register).
5 FRAME ALIGNMENT
Time slot 0 is used for the synchronization
(G.706). At software Reset Frame and Multiframe
are lost and a new research of FAS and MFAS is
launched.
5.1 LOSS OF FRAME ALIGNMENT
Frame alignment will be assumed to have been
lost :
– either when three consecutive incorrect frame
alignment signals have been received,
– or when bit 2 in time slot 0 in odd frames has
been received with an error, i.e. at 0, on three
consecutive occasions,
– or when 915 errored CRC blocks out of 1000
have been detected.
5.2 FRAME ALIGNMENT RECOVERY
Frame alignment will be assumed recovered
when the following sequence is detected:
– Detection of the correct Frame Alignment Sig-
nal, FAS
– detection of bit 2 of 32nd byte after FAS, at 1.
– detection of the correct Frame Alignment sig-
nal in the 64th byte after the first FAS de-
tected.
5.3 MULTIFRAME ALIGNMENT RECOVERY
Multiframe Alignment will be assumed recovered
when at least two valid multiframe alignment sig-
nals MFAS have been detected within 8 ms.
Table 1: CRC4 Multiframe Structure G.704
Sub
Multiframe
Frame
TIME SLOT ZERO BIT NUMBERS
12
3
4
567
8
I
0
C1
0
0
1
101
1
1
0
1
A
Sa4
Sa5
Sa61
Sa7
Sa8
2C2
F
A
S
3
0
1
A
Sa4
Sa5
Sa62
Sa7
Sa8
4C3
F
A
S
5
1
1
A
Sa4
Sa5
Sa63
Sa7
Sa8
6C4
F
A
S
7
0
1
A
Sa4
Sa5
Sa64
Sa7
Sa8
II
8C1
F
A
S
9
1
1
A
Sa4
Sa5
Sa61
Sa7
Sa8
10
C2
F
A
S
11
1
1
A
Sa4
Sa5
Sa62
Sa7
Sa8
12
C3
F
A
S
13
E1
1
A
Sa4
Sa5
Sa63
Sa7
Sa8
14
C4
F
A
S
15
E2
1
A
Sa4
Sa5
Sa64
Sa7
Sa8
FAS:
Frame Alignment Signal in each even Time Slot.
MFAS:
Multi Frame Alignment Signal 0 0 1 0 1 1
E1–E2:
CRC4 error Indication bits
C1 to C4:
Cyclic Redundancy Check 4 (CRC4) bits
A:
Remote Alarm Indication
Sa4 to Sa8:
Five bits in each odd Time Slot
Sa61 to Sa64: ETSI bits
STLC5432
10/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com